Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 766 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 766 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 762Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 763Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 764Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 765Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 766Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 767Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 768Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 769Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 770Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 766 / 1386 page
background image
SCC BISYNC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
23-12
Freescale Semiconductor
23.12 SCC BISYNC Receive BD (RxBD)
The CP uses BDs to report on each buffer received. It closes the buffer, generates a maskable interrupt,
and starts receiving data into the next buffer after any of the following:
•
A user-defined control character is received.
•
An error is detected.
•
A full receive buffer is detected.
•
The ENTER HUNT MODE command is issued.
•
The CLOSE RX BD command is issued.
Figure 23-6 shows the SCC BISYNC RxBD.
Table 23-11 describes SCC BISYNC RxBD status and control fields.
12–13
RPM
Receiver parity mode. Selects the type of parity check that the receiver performs. RPM can be
modified on-the-fly and is ignored unless CRC = 11 (LRC). Receive parity errors cannot be disabled
but can be ignored.
00 Odd parity. The transmitter counts ones in the data word. If the sum is not odd, the parity bit is
set to ensure an odd number. An even sum indicates a transmission error.
01 Low parity. If the parity bit is not low, a parity error is reported.
10 Even parity. An even number must result from the calculation performed at both ends of the line.
11 High parity. If the parity bit is not high, a parity error is reported.
14–15
TPM
Transmitter parity mode. Selects the type of parity the transmitter performs and can be modified
on-the-fly. TPM is ignored unless CRC = 11 (LRC).
00 Odd parity.
01 Force low parity (always send a zero in the parity bit position).
10 Even parity.
11 Force high parity (always send a one in the parity bit position).
0123
456
789
10
11
12
13
14
15
Offset + 0
E
—
WI
CB
CM
—
DE
—
DL
PR
CR
OV
CD
Offset + 2
Data Length
Offset + 4
Rx Data Buffer Pointer
Offset + 6
Figure 23-6. SCC BISYNC RxBD
Table 23-11. SCC BISYNC RxBD Status and Control Field Descriptions
Bits
Name
Description
0
E
Empty.
0 The buffer is full or stopped receiving because of an error. The core can read or write any fields
of this RxBD. The CP does not use this BD as long as the E bit is zero.
1 The buffer is not full. The CP controls this BD and buffer. The core should not update this BD.
1
—
Reserved, should be cleared.
Table 23-10. PSMR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com