Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 769 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 769 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 765Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 766Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 767Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 768Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 769Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 770Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 771Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 772Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 773Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 769 / 1386 page
background image
SCC BISYNC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
23-15
Data length and buffer pointer fields are described in Section 20.2, “SCC Buffer Descriptors (BDs).”
Although it is never modified by the CP, data length should be greater than zero. The CPM writes these
fields after it finishes sending the buffer.
23.14 BISYNC Event Register (SCCE)/BISYNC Mask Register (SCCM)
The BISYNC controller uses the SCC event register (SCCE) to report events recognized by the BISYNC
channel and to generate interrupts. When an event is recognized, the controller sets the corresponding
SCCE bit. Interrupts are enabled by setting, and masked by clearing, the equivalent bits in the BISYNC
mask register (SCCM). SCCE bits are reset by writing ones; writing zeros has no effect. Unmasked bits
must be reset before the CP negates the internal interrupt request signal.
7
BR
BCS reset. Determines whether transmitter BCS accumulation is reset before sending the data
buffer.
0 BCS accumulation is not reset.
1 BCS accumulation is reset before sending the data buffer.
8
TD
Transmit DLE.
0 No automatic DLE transmission can occur before the data buffer.
1 The transmitter sends a DLE character before sending the buffer, which saves writing the first
DLE to a separate buffer in transparent mode. See TR for information on control characters.
9
TR
Transparent mode.
0 The transmitter enters and stays in normal mode after sending the buffer. The transmitter
automatically inserts SYNCs if an underrun condition occurs.
1 The transmitter enters or stays in transparent mode after sending the buffer. It automatically
inserts DLE–SYNC pairs if an underrun occurs (the controller finishes a buffer with L = 0 and the
next BD is not available). It also checks all characters before sending them. If a DLE is detected,
another DLE is sent automatically. Insert a DLE or program the controller to insert one before
each control character. The transmitter calculates the CRC16 BCS even if PSMR[BCS] is
programmed to LRC. Initialize PTCRC to CRC16 before setting TR.
10
B
BCS enable.
0 The buffer consists of characters that are excluded from BCS accumulation.
1 The buffer consists of characters that are included in BCS accumulation.
11–13
—
Reserved, should be cleared.
14
UN
Underrun. Set when the BISYNC controller encounters a transmitter underrun error while sending
the associated data buffer. The CPM writes UN after it sends the associated buffer.
15
CT
CTS lost. The CP sets CT when CTS is lost during message transmission after it sends the data
buffer.
Table 23-12. SCC BISYNC TxBD Status and Control Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com