Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 771 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 771 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 767Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 768Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 769Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 770Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 771Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 772Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 773Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 774Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 775Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 771 / 1386 page
background image
SCC BISYNC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
23-17
Table 23-14 describes SCCS fields.
23.16 Programming the SCC BISYNC Controller
Software has two ways to handle data received by the BISYNC controller. The simplest is to allocate
single-byte receive buffers, request an interrupt on reception of each buffer, and implement BISYNC
protocol entirely in software on a byte-by-byte basis. This flexible approach can be adapted to any
BISYNC implementation. The obvious penalty is the overhead caused by interrupts on each received
character.
A more efficient method is to prepare and link multi-byte buffers in the RxBD table and use software to
analyze the first two to three bytes of the buffer to determine the type of block received. When this is
determined, reception continues without further software intervention until it encounters a control
character, which signifies the end of the block and causes software to revert to byte-by-byte reception.
To accomplish this, set SCCM[RCH] to enable an interrupt on every received byte so software can analyze
each byte. After analyzing the initial characters of a block, either set PSMR[RTR] or issue a RESET BCS
CALCULATION
command. For example, if a DLE-STX is received, enter transparent mode. By setting the
appropriate PSMR bit, the controller strips the leading DLE from DLE-character sequences. Thus, control
characters are recognized only when they follow a DLE character. PSMR[RTR] should be cleared after a
DLE-ETX is received.
Alternatively, after an SOH is received, a RESET BCS CALCULATION should be issued to exclude SOH from
BCS accumulation and reset the BCS. Notice that PSMR[RBCS] is not needed because the controller
automatically excludes SYNCs and leading DLEs.
After the type of block is recognized, SCCE[RCH] should be masked. The core does not interrupt data
reception until the end of the current block, which is indicated by the reception of a control character
matching the one in the receive control character table. Using Table 23-15, the control character table
should be set to recognize the end of the block.
Table 23-14. SCCS Field Descriptions
Bit
Name
Description
0–5
—
Reserved, should be cleared.
6
CS
Carrier sense (DPLL). Shows the real-time carrier sense of the line as determined by the DPLL.
0 The DPLL does not sense a carrier.
1 The DPLL senses a carrier.
7
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com