Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 770 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 770 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 766Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 767Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 768Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 769Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 770Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 771Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 772Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 773Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 774Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 770 / 1386 page
background image
SCC BISYNC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
23-16
Freescale Semiconductor
Table 23-13 describes SCCE and SCCM fields.
23.15 SCC Status Registers (SCCS)
The SCC status (SCCS) register, seen in Figure 23-9, allows real-time monitoring of RXD. The real-time
status of CTS and CD are part of the parallel I/O.
0
2
34
56
78
9
10
11
12
13
14
15
Field
—
DCC
—
GRA
—
TXE
RCH
BSY
TXB
RXB
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11A10 (SCCE1); 0x11A30 (SCCE2); 0x11A50 (SCCE3); 0x11A70 (SCCE4)
0x11A14 (SCCM1); 0x11A34 (SCCM2); 0x11A54 (SCCM3); 0x11A74 (SCCM4)
Figure 23-8. BISYNC Event Register (SCCE)/BISYNC Mask Register (SCCM)
Table 23-13. SCCE/SCCM Field Descriptions1
1 Reserved bits in the SCCE should not be masked in the SCCM register.
Bits
Name
Description
0–4
—
Reserved, should be cleared. Refer to note 1 below.
5
DCC
DPLL CS changed. Set when carrier sense status generated by the DPLL changes. Real-time
status can be found in SCCS. This is not the CD status discussed elsewhere. Valid only when DPLL
is used.
6–7
—
Reserved, should be cleared. Refer to note 1 below.
8
GRA
Graceful stop complete. Set as soon the transmitter finishes any message in progress when a
GRACEFUL STOP TRANSMIT
is issued (immediately if no message is in progress).
9–10
—
Reserved, should be cleared. Refer to note 1 below.
11
TXE
Tx Error. Set when an error occurs on the transmitter channel. This event is not maskable via the
TxBD[I] bit.
12
RCH
Receive character. Set when a character is received and written to the buffer.
13
BSY
Busy. Set when a character is received and discarded due to a lack of buffers. The receiver resumes
reception after an ENTER HUNT MODE command.
14
TXB
Tx buffer. Set when a buffer is sent. TXB is set as the last bit of data or the BCS begins transmission.
15
RXB
Rx buffer. Set when the CPM closes the receive buffer on the BISYNC channel.
0
567
Field
—
CS
—
Reset
0000_0000
R/W
R
Addr
0x11A17 (SCCS1); 0x11A37 (SCCS2); 0x11A57 (SCCS3); 0x11A77 (SCCS4)
Figure 23-9. SCC Status Registers (SCCS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com