Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 768 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 768 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 764Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 765Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 766Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 767Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 768Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 769Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 770Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 771Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 772Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 768 / 1386 page
background image
SCC BISYNC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
23-14
Freescale Semiconductor
23.13 SCC BISYNC Transmit BD (TxBD)
The CP arranges data to be sent on an SCC channel in buffers referenced by the channel TxBD table. The
CP uses BDs to confirm transmission or indicate errors so the core knows buffers have been serviced. The
user configures status and control bits before transmission, but the CP sets them after the buffer is sent.
Table 23-12 describes SCC BISYNC TxBD status and control fields.
0123
456
789
10
11
13
14
15
Offset + 0
R
—
WI
L
TB
CM
BR
TD
TR
B
—UN
CT
Offset + 2
Data Length
Offset + 4
Tx Data Buffer Pointer
Offset + 6
Figure 23-7. SCC BISYNC Transmit BD (TxBD)
Table 23-12. SCC BISYNC TxBD Status and Control Field Descriptions
Bits
Name
Description
0
R
Ready.
0 The buffer is not ready for transmission. The current BD and buffer can be updated. The CP
clears R after the buffer is sent or after an error condition.
1 The user-prepared buffer has not been sent or is being sent. This BD cannot be updated while R
= 1.
1
—
Reserved, should be cleared.
2
W
Wrap (last BD in table).
0 Not the last BD in the table.
1 Last BD in the table. After this buffer is used, the CP sends data using the BD pointed to by
TBASE. The number of TxBDs in this table is determined only by the W bit and overall space
constraints of the dual-ported RAM.
3
I
Interrupt.
0 No interrupt is generated after this buffer is serviced ; SCCE[TXE] is unaffected.
1 SCCE[TXB] or SCCE[TXE] is set after the CP services this buffer, which can cause an interrupt.
4
L
Last in message.
0 The last character in the buffer is not the last character in the current block.
1 The last character in the buffer is the last character in the current block. The transmitter enters
and stays in normal mode after sending the last character in the buffer and the BCS, if enabled.
5
TB
Transmit BCS. Valid only when the L bit is set.
0 Send an SYN1–SYN2 or idle sequence (specified in GSMR[RTSM]) after the last character in the
buffer.
1 Send the BCS sequence after the last character. The controller also resets the BCS generator
after sending the BCS.
6
CM
Continuous mode.
0 Normal operation.
1 The CP does not clear R after this BD is closed, so the buffer is resent when the CP next
accesses this BD. However, R is cleared if an error occurs during transmission, regardless of how
CM is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com