Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 760 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 760 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 756Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 757Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 758Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 759Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 760Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 761Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 762Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 763Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 764Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 760 / 1386 page
background image
SCC BISYNC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
23-6
Freescale Semiconductor
The control character table lets the BISYNC controller recognize the end of the current block. Because the
controller imposes no restrictions on the format of BISYNC blocks, software must respond to received
characters and inform the controller of mode changes and of certain protocol events, such as resetting the
BCS. Using the control character table correctly allows the remainder of the block to be received without
interrupting software.
Up to eight control characters can be defined to inform the BISYNC controller that the end of the current
block is reached and whether a BCS is expected after the character. For example, the end-of-text character
(ETX) implies an end-of-block (ETB) with a subsequent BCS. An enquiry (ENQ) character designates an
end of block without a subsequent BCS. All the control characters are written into the data buffer. The
BISYNC controller uses a table of 16-bit entries to support control character recognition. Each entry
consists of the control character, an end-of-table bit (E), a BCS expected bit (B), and a hunt mode bit (H).
The RCCM entry defines classes of control characters that support masking option. The control character
table and RCCM are shown in Figure 23-2.
Offset from
SCC
x Base
0
123
78
15
0x42
E
B
H
—
CHARACTER1
0x44
E
B
H
—
CHARACTER2
0x46
E
B
H
—
CHARACTER3
0x48
E
B
H
—
CHARACTER4
0x4A
E
B
H
—
CHARACTER5
0x4D
E
B
H
—
CHARACTER6
0x4E
E
B
H
—
CHARACTER7
0x50
E
B
H
—
CHARACTER8
0x52
1
1
1
—
MASK VALUE(RCCM)
Figure 23-2. Control Character Table and RCCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com