Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 797 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 797 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 793Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 794Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 795Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 796Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 797Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 798Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 799Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 800Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 801Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 797 / 1386 page
background image
SCC Ethernet Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
25-9
25.8
Programming the Ethernet Controller
The core configures the SCC to operate as an Ethernet controller by setting GSMR[MODE] to 0b1100.
Receive and transmit errors are reported through RxBD and TxBD. Several GSMR fields must be
programmed to special values for Ethernet. Set DSR[SYN1] to 0x55 and DSR[SYN2] to 0xD5. The 6
bytes of preamble programmed in the GSMR, in combination with the DSR programming, causes 8 bytes
of preamble on transmit (including the 1-byte start delimiter with the value 0xD5).
25.9
SCC Ethernet Commands
Transmit and receive commands are issued to the CP command register (CPCR). Table 25-2 describes
transmit commands.
0x7C
TFBD_PTR
Hword Tx first BD pointer.
0x7E
TLBD_PTR
Hword Tx last BD pointer.
0x80
TBUF1_DATA0
Word
Save area 0—next frame.
0x84
TBUF1_DATA1
Word
Save area 1—next frame.
0x88
TBUF1_RBA0
Word
0x8C
TBUF1_CRC
Word
0x90
TBUF1_BCNT
Hword
0x92
TX_LEN
Hword Tx frame length counter.
0x94
IADDR1
Hword Individual address filter 1–4. Used in the hash table function of the individual
addressing mode. Zeros can be written to these values after reset and before the
Ethernet channel is enabled to disable all individual hash address recognition
functions. The SET GROUP ADDRESS command is used to enable the hash table.
0x96
IADDR2
0x98
IADDR3
0x9A
IADDR4
0x9C
BOFF_CNT
Hword Backoff counter.
0x9E
TADDR_H
Hword Allows addition and deletion of addresses from individual and group hash tables.
After placing an address in TADDR, issue a SET GROUP ADDRESS command.
TADDR_L (temp address low) is the least-significant half word and TADDR_H
(temp address high) is the most-significant half word.
0x A0
TADDR_M
0x A2
TADDR_L
1
From SCC base address. See Section 20.3.1, “SCC Base Addresses.”
Table 25-1. SCC Ethernet Parameter RAM Memory Map (continued)
Offset 1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com