Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 799 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 799 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 795Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 796Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 797Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 798Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 799Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 800Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 801Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 802Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 803Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 799 / 1386 page
background image
SCC Ethernet Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
25-11
25.10 SCC Ethernet Address Recognition
The Ethernet controller can filter received frames based on different addressing types—physical
(individual), group (multicast), broadcast (all-ones group address), and promiscuous. The difference
between an individual address and a group address is determined by the I/G bit in the destination address
field. A flowchart for address recognition on received frames is shown in Figure 25-4.
In the physical type of address recognition, the Ethernet controller compares the destination address field
of the received frame with the user-programmed physical address in PADDR1. Address recognition can
be performed on multiple individual addresses using the IADDR1–4 hash table.
Figure 25-4. Ethernet Address Recognition Flowchart
In group address recognition, the controller determines whether the group address is a broadcast address.
If broadcast addresses are enabled, the frame is accepted, but if the group address is not a broadcast
Check Address
I/G Address
?
Hash_Search
False
G
True
True
Multiple IND
?
Broadcast
Address
Use Indicated
Table
Hash Search
Use Group
Table
Match
?
Match
?
Receive Frame
Ignore REJECT
Receive Frame
Ignore REJECT
Match
?
Receive Frame
Ignore REJECT
PROMISC
?
Start Receive
Discard Frame if REJECT
Discard Frame
is Asserted
I
True
True
False
False
True
True
False
False
?
Broadcast
Enabled
?
True
False
False
Multiple Individual
Addresses
Single
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com