Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 801 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 801 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 797Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 798Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 799Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 800Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 801Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 802Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 803Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 804Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 805Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 801 / 1386 page
background image
SCC Ethernet Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
25-13
If a collision occurs within 64 byte times, the retry process is initiated. The transmitter waits a random
number of slot times (512 bit times or 52 µs). If a collision occurs after 64 byte times, no retransmission
is performed and the buffer is closed with an LC error indication. If a collision occurs while a frame is
being received, reception stops. This error is reported only in the BD if the length of the frame exceeds
MINFLR or if PSMR[RSH] = 1.
25.14 Internal and External Loopback
Both internal and external loopback are supported by the Ethernet controller. In loopback mode, both of
the SCC FIFOs are used and the channel actually operates in a full-duplex fashion. Both internal and
external loopback are configured using combinations of PSMR[LPB] and GSMR[DIAG]. Because of the
full-duplex nature of the loopback operation, the performance of other SCCs is degraded.
Internal loopback disconnects the SCC from the serial interface. Receive data is connected to the transmit
data and the receive clock is connected to the transmit clock. Both FIFOs are used. Data from the transmit
FIFO is received immediately into the receive FIFO. There is no heartbeat check in this mode; configure
TENA as a general-purpose output.
In external loopback operation, the Ethernet controller listens for data being received from the EEST at the
same time that it is sending.
25.15 Full-Duplex Ethernet Support
To run full-duplex Ethernet, select loopback and full-duplex Ethernet modes in the SCC’s
protocol-specific mode register, (PSMR[LPB, FDE] = 1). The loopback mode tells the Ethernet controller
to accept received frames without signaling a collision. Setting PSMR[FDE] tells the controller that it can
send while receiving without waiting for a clear line (carrier sense).
25.16 Handling Errors in the Ethernet Controller
The Ethernet controller reports frame reception and transmission error conditions using channel BDs, error
counters, and SCCE. Table 25-4 describes transmission errors.
Table 25-4. Transmission Errors
Error
Description
Transmitter underrun
If this error occurs, the channel sends 32 bits that ensures a CRC error, stops sending the
buffer, closes it, sets the UN bit in the TxBD and SCCE[TXE]. The channel resumes
transmission after it receives a RESTART TRANSMIT command.
Carrier sense lost
during frame
transmission
When this error occurs and no collision is found in the frame, the channel sets the CSL bit in
the TxBD, sets SCCE[TXE], and continues sending the buffer normally. No retries are
performed after this error occurs. Carrier sense is the logical OR of RENA and CLSN.
Retransmission
attempts limit expired
The channel stops sending the buffer, closes it, sets the RL bit in the TxBD and SCCE[TXE].
The channel resumes transmission after it receives a RESTART TRANSMIT command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com