Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 805 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 805 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 801Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 802Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 803Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 804Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 805Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 806Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 807Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 808Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 809Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 805 / 1386 page
background image
SCC Ethernet Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
25-17
Data length and buffer pointer fields are described in Section 20.2, “SCC Buffer Descriptors (BDs).” Data
length includes the total number of frame octets (including four bytes for CRC).
4
L
Last in frame. The Ethernet controller sets this bit when this buffer is the last one in a frame, which
occurs when the end of a frame is reached or an error is received. In the case of error, one or more
of the CL, OV, CR, SH, NO, and LG bits are set. The Ethernet controller writes the number of frame
octets to the data length field.
0 The buffer is not the last one in a frame.
1 The buffer is the last one in a frame.
5
F
First in frame. The Ethernet controller sets this bit when this buffer is the first one in a frame.
0 The buffer is not the first one in a frame.
1 The buffer is the first one in a frame.
6
—
Reserved, should be cleared.
7
M
Miss. (valid only if L = 1) The Ethernet controller sets M for frames that are accepted in promiscuous
mode, but are flagged as a miss by internal address recognition. Thus, in promiscuous mode, M
determines whether a frame is destined for this station.
0 The frame is received because of an address recognition hit.
1 The frame is received because of promiscuous mode.
8–9
—
Reserved, should be cleared.
10
LG
Rx frame length violation. Set when a frame length greater than the maximum defined for this
channel has been recognized. Only the maximum number of bytes allowed is written to the buffer.
11
NO
Rx nonoctet-aligned frame. Set when a frame containing a number of bits not divisible by eight is
received. Also, the CRC check that occurs at the preceding byte boundary generated an error.
12
SH
Short frame. Set if a frame smaller than the minimum defined for this channel was recognized.
Occurs if PSMR[RSH] = 1.
13
CR
Rx CRC error. set when a frame contains a CRC error.
14
OV
Overrun. Set when a receiver overrun occurs during frame reception.
15
CL
Collision. This frame is closed because a collision occurred during frame reception. CL is set only if
a late collision occurs or if PSMR[RSH] is enabled. Late collisions are better defined in PSMR[LCW].
Table 25-7. SCC Ethernet RxBD Status and Control Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com