Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 808 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 808 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 804Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 805Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 806Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 807Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 808Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 809Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 810Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 811Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 812Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 808 / 1386 page
background image
SCC Ethernet Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
25-20
Freescale Semiconductor
Data length and buffer pointer fields are described in Section 20.2, “SCC Buffer Descriptors (BDs).”
25.20 SCC Ethernet Event Register (SCCE)/Mask Register (SCCM)
The SCC event register (SCCE) is used as the Ethernet event register to generate interrupts and report
events recognized by the Ethernet channel. When an event is recognized, the Ethernet controller sets the
corresponding SCCE bit. Interrupts are enabled by setting, and masked by clearing, the equivalent bits in
the Ethernet mask register (SCCM). SCCE bits are cleared by writing ones; writing zeros has no effect.
All unmasked bits must be cleared before the CPM clears the internal interrupt request. The SCCE/SCCM
registers are displayed in Figure 25-9.
Table 25-9 describes SCCE and SCCM fields.
9
RL
Retransmission limit. Set when the transmitter fails (Retry Limit + 1) attempts to successfully
transmit a message because of repeated collisions on the medium. The Ethernet controller writes
this bit after it finishes attempting to send the buffer.
10–13
RC
Retry count. Indicates the number of retries required before the frame was sent successfully. If RC
= 0, the frame was sent correctly the first time. If RC = 15 and RET_LIM = 15 in the parameter RAM,
15 retries were required. Because the counter saturates at 15, if RC = 15 and RET_LIM > 15, then
15 or more retries were required. The controller writes this field after it successfully sends the buffer.
14
UN
Underrun. Set when the Ethernet controller encounters a transmitter underrun while sending the
buffer. The Ethernet controller writes UN after it finishes sending the buffer.
15
CSL
Carrier sense lost. Set when carrier sense is lost during frame transmission. The Ethernet controller
writes CSL after it finishes sending the buffer.
0
7
8
9
10
11
12
13
14
15
Field
—
GRA
—
TXE
RXF
BSY
TXB
RXB
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11A10 (SCCE1); 0x11A30 (SCCE2); 0x11A50 (SCCE3); 0x11A70 (SCCE4)
0x11A14 (SCCM1); 0x11A34 (SCCM2); 0x11A54 (SCCM3); 0x11A74 (SCCM4)
Figure 25-9. SCC Ethernet Event Register (SCCE)/Mask Register (SCCM)
Table 25-9. SCCE/SCCM Field Descriptions
Bits
Name
Description
0–7
—
Reserved, should be cleared.
8
GRA
Graceful stop complete. Set as soon the transmitter finishes any frame that was in progress when
a GRACEFUL STOP TRANSMIT command was issued. It is set immediately if no frame was in progress.
9–10
—
Reserved, should be cleared.
11
TXE
Set when an error occurs on the transmitter channel. This event is not maskable via the TxBD[I] bit.
12
RXF
Rx frame. Set when a complete frame has been received on the Ethernet channel.
Table 25-8. SCC Ethernet TxBD Status and Control Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com