Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 807 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 807 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 803Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 804Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 805Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 806Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 807Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 808Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 809Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 810Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 811Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 807 / 1386 page
background image
SCC Ethernet Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
25-19
indicate errors so the core knows buffers have been serviced. Figure 25-8 represents an SCC ethernet
transmit buffer descriptor.
Table 25-8 describes TxBD status and control fields.
0123
456
789
10
13
14
15
Offset + 0
RPAD
W
I
L
TC
DEF
HB
LC
RL
RC
UN
CSL
Offset + 2
Data Length
Offset + 4
Tx Data Buffer Pointer
Offset + 6
Figure 25-8. SCC Ethernet TxBD
Table 25-8. SCC Ethernet TxBD Status and Control Field Descriptions
Bits
Name
Description
0
R
Ready.
0 The buffer is not ready for transmission. The user can update this BD or its data buffer. The CPM
clears R after the buffer has been sent or after an error occurs.
1 The user-prepared buffer has not been sent or is currently being sent. Do not modify this BD.
1
PAD
Short frame padding. Valid only when L is set. Otherwise, it is ignored.
0 Do not add PADs to short frames.
1 Add PADs to short frames. Pad bytes are inserted until the length of the sent frame equals the
MINFLR and they are stored in PADs in the parameter RAM.
2
W
Wrap (final BD in table).
0 Not the last BD in the table.
1 Last BD in the table. After this buffer is used, the CPM receives incoming data into the first BD
that TBASE points to in the table. The number of TxBDs in this table is determined only by the W
bit and overall space constraints of the dual-port RAM.
Note: The TxBD table must contain more than one BD in Ethernet mode.
3
I
Interrupt.
0 No interrupt is generated after this buffer is serviced; SCCE[TXE] is unaffected.
1 SCCE[TXB] or SCCE[TXE] is set after this buffer is serviced. These bits can cause interrupts if
they are enabled.
4
L
Last.
0 Not the last buffer in the transmit frame.
1 Last buffer in the transmit frame.
5
TC
Tx CRC. Valid only when L = 1. Otherwise, it is ignored.
0 End transmission immediately after the last data byte.
1 Transmit the CRC sequence after the last data byte.
6
DEF
Defer indication. The frame was deferred before being sent successfully, that is, the transmitter had
to wait for carrier sense before sending because the line was busy. This is not a collision indication;
collisions are indicated in RC.
7
HB
Heartbeat. Set when the collision input was not asserted within 20 transmit clocks after
transmission. HB cannot be set unless PSMR[HBC] = 1. The SCC writes HB after it finishes sending
the buffer.
8
LC
Late collision. Set when a collision occurred after the number of bytes defined for PSMR[LCW] are
sent. The Ethernet controller stops sending and writes this bit after it finishes sending the buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com