Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 804 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 804 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 800Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 801Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 802Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 803Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 804Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 805Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 806Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 807Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 808Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 804 / 1386 page
background image
SCC Ethernet Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
25-16
Freescale Semiconductor
25.18 SCC Ethernet Receive BD
The Ethernet controller uses the RxBD to report on the received data for each buffer.
Table 25-7 describes RxBD status and control fields.
12–14
NIB
Number of ignored bits. Determines how soon after RENA assertion the Ethernet controller should
begin looking for the start frame delimiter. Typically NIB = 101 (22 bits).
000 Begin searching 13 bits after the assertion of RENA.
001 Begin searching 14 bits after the assertion of RENA.
...
111 Begin searching 24 bits after the assertion of RENA.
15
FDE
Full duplex Ethernet.
0 Disable full-duplex Ethernet mode.
1 Enable full-duplex Ethernet mode.
Note: When FDE = 1, PSMR[LPB] must be set also.
0123
456
789
10
11
12
13
14
15
Offset + 0
E
—
WI
LF
—
M
—
LG
NO
SH
CR
OV
CL
Offset + 2
Data Length
Offset + 4
Rx Data Buffer Pointer
Offset + 6
Figure 25-6. SCC Ethernet RxBD
Table 25-7. SCC Ethernet RxBD Status and Control Field Descriptions
Bits
Name
Description
0E
Empty.
0 The buffer is full or stopped receiving data because an error occurred. The core can read or write
any fields of this RxBD. The CPM does not use this BD as long as the E bit is zero.
1 The buffer is not full. The CPM controls this BD and its buffer; do not modify this BD.
1
—
Reserved, should be cleared.
2
W
Wrap (final BD in table).
0 Not the last BD in the table.
1 Last BD in the table. After this buffer is used, the CPM receives incoming data into the first BD
that RBASE points to. The number of BDs is determined only by the W bit and overall space
constraints of the dual-port RAM.
3
I
Interrupt. Note that this bit does not mask SCCE[RXF] interrupts.
0 No SCCE[RXB] interrupt is generated after this buffer is used.
1 SCCE[RXB] or SCCE[RXF] is set when this buffer is used by the Ethernet controller. These two
bits can cause interrupts if they are enabled.
Table 25-6. PSMR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com