Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 802 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 802 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 798Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 799Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 800Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 801Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 802Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 803Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 804Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 805Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 806Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 802 / 1386 page
background image
SCC Ethernet Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
25-14
Freescale Semiconductor
Table 25-5 describes reception errors.
25.17 Ethernet Mode Register (PSMR)
In Ethernet mode, the protocol-specific mode register (PSMR), shown in Figure 25-5, is used as the
Ethernet mode register.
Late collision
When this error occurs, the channel stops sending the buffer, closes it, sets SCCE[TXE] and
the LC bit in the TxBD. The channel resumes transmission after it receives the RESTART
TRANSMIT
command. This error is discussed further in the definition of PSMR[LCW].
Heartbeat
Some transceivers have a heartbeat (signal-quality error) self-test. To signify a good self-test,
the transceiver indicates a collision to the
MPC8280 within 20 clocks after the Ethernet controller
sends a frame. This heartbeat condition does not imply a collision error, but that the transceiver
seems to be functioning properly. If SCCE[HBC] = 1 and the
MPC8280 does not detect a
heartbeat condition after sending a frame, a heartbeat error occurs; the channel closes the
buffer, sets the HB bit in the TxBD, and generates the TXE interrupt if it is enabled.
Table 25-5. Reception Errors
Error
Description
Overrun
The Ethernet controller maintains an internal FIFO for receiving data. When it overruns, the channel
writes the received byte over the previously received byte. The previous byte and frame status are lost.
The channel closes the buffer, sets RxBD[OV] and SCCE[RXF], and increments the discarded frame
counter (DISFC). The receiver then enters hunt mode.
Busy
A frame was received and discarded because of a lack of buffers. The channel sets SCCE[BSY] and
increments DISFC. The receiver then enters hunt mode.
Non-Octet
Error
(Dribbling
Bits)
The Ethernet controller handles up to seven dribbling bits when the receive frame terminates nonoctet
aligned. It checks the CRC of the frame on the last octet boundary. If there is a CRC error, a frame
nonoctet aligned error is reported, SCCE[RXF] is set, and the alignment error counter is incremented. If
there is no CRC error, no error is reported. The receiver then enters hunt mode.
CRC
When a CRC error occurs, the channel closes the buffer, sets SCCE[RXF] and CR in the RxBD, and
increments the CRC error counter (CRCEC). After receiving a frame with a CRC error, the receiver
enters hunt mode. CRC checking cannot be disabled, but CRC errors can be ignored if checking is not
required.
01
23
45
67
89
10
11
12
14
15
Field HBC
FC
RSH
IAM
CRC
PRO BRO
SBT
LPB
—
LCW
NIB
FDE
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11A08 (PSMR1); 0x11A28 (PSMR2); 0x11A48 (PSMR3); 0x11A68 (PSMR4)
Figure 25-5. Ethernet Mode Register (PSMR)
Table 25-4. Transmission Errors (continued)
Error
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com