Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 803 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 803 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 799Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 800Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 801Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 802Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 803Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 804Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 805Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 806Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 807Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 803 / 1386 page
background image
SCC Ethernet Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
25-15
Table 25-6 describes PSMR fields.
Table 25-6. PSMR Field Descriptions
Bits
Name
Description
0
HBC
Heartbeat checking.
0 No heartbeat checking is performed. Do not wait for a collision after transmission.
1 Wait 20 transmit clocks or 2 µs for a collision asserted by the transceiver after transmission. The
HB bit in the TxBD is set if the heartbeat is not heard within 20 transmit clocks.
1
FC
Force collision.
0 Normal operation.
1 The channel forces a collision when each frame is sent. To test collision logic configure the
MPC8280 in loopback operation. In the end, the retry limit for each transmit frame is exceeded.
2
RSH
Receive short frames.
0 Discard short frames that are not as long as MINFLR.
1 Receive short frames.
3
IAM
Individual address mode.
0 Normal operation. A single 48-bit physical address in PADDR1 is checked when it is received.
1 The individual hash table is used to check all individual addresses that are received.
4–5
CRC
CRC selection. Only CRC = 10 is valid. Complies with Ethernet specifications. 32-bit CCITT-CRC.
X32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 + X8 + X7 + X5 + X4 + X2 + X1 +1.
6
PRO
Promiscuous.
0 Check the destination address of incoming frames.
1 Receive the frame regardless of its address unless REJECT is asserted as it is being received.
7
BRO
Broadcast address.
0 Receive all frames containing the broadcast address.
1 Reject all frames containing the broadcast address, unless PRO = 1.
8
SBT
Stop backoff timer.
0 The backoff timer is functioning normally.
1 The backoff timer for the random wait after a collision is stopped when carrier sense is active.
Retransmission is less aggressive than the maximum allowed in IEEE 802.3. The persistence
(P_PER) feature in the parameter RAM can be used in combination with or in place of SBT.
9
LPB
Local protect bit
0 Receiver is blocked when transmitter sends (default).
1 Receiver is not blocked when transmitter sends. Must be set for full-duplex operation. For
loopback operation, GSMR[DIAG] must be programmed also; see Section 20.1.1, “The General
SCC Mode Registers (GSMR1–GSMR4).”
10
—
Reserved. Should be cleared.
11
LCW
Late collision window.
0 A late collision is any collision that occurs at least 64 bytes from the preamble.
1 A late collision is any collision that occurs at least 56 bytes from the preamble.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com