Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 811 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 811 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 807Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 808Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 809Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 810Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 811Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 812Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 813Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 814Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 815Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 811 / 1386 page
background image
SCC Ethernet Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
25-23
23. Write 0x0040_0000 to the SIU interrupt mask register low (SIMR_L) so the SMC1 can generate a
system interrupt. Initialize SIU interrupt pending register low (SIPNR_L) by writing
0xFFFF_FFFF to it.
24. Write 0x0000_0000 to GSMR_H2 to enable normal operation of all modes.
25. Write 0x1088_000C to the GSMR_L2 register to configure CTS (CLSN) and CD (RENA) to
automatically control transmission and reception (DIAG bits) and the Ethernet mode. TCI is set to
allow more setup time for the EEST to receive the MPC8280 transmit data. TPL and TPP are set
for Ethernet requirements. The DPLL is not used with Ethernet. Note that the ENT and ENR are
not enabled yet.
26. Write 0xD555 to the DSR.
27. Set the PSMR2 to 0x0A0A to configure 32-bit CRC, promiscuous mode, and begin searching for
the start frame delimiter 22 bits after RENA2 (CD2).
28. Write 0x1088_003C to GSMR_L2 to enable the SCC2 transmitter and receiver. This
additional write ensures that ENT and ENR are enabled last.
After 14 bytes and the 46 bytes of automatic pad (plus the 4 bytes of CRC) are sent, the TxBD is closed.
Additionally, the receive buffer is closed after a frame is received. Any data received after 1520 bytes or
a single frame causes a busy (out-of-buffers) condition because only one RxBD is prepared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com