Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 815 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 815 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 811Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 812Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 813Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 814Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 815Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 816Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 819Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 815 / 1386 page
background image
SCC AppleTalk Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
26-3
Figure 26-2. Connecting the MPC8280 to LocalTalk
The 16
× overspeed of a 3.686-MHz clock can be generated from an external frequency source or from one
of the baud rate generators if the resulting output frequency is close to a multiple of the 3.686 MHz
frequency. The MPC8280 asserts RTS throughout the duration of the frame so that RTS can be used to
enable the RS-422 transmit driver.
26.4
Programming the SCC in AppleTalk Mode
The AppleTalk controller is implemented by setting certain bits in the HDLC controller. Otherwise,
Chapter 22, “SCC HDLC Mode,” describes how to program the HDLC controller. Use GSMR, PSMR, or
TODR to program the AppleTalk controller.
26.4.1
Programming the GSMR
Program the GSMR as described below:
1. Set MODE to 0b0010 (AppleTalk).
2. Set DIAG to 0b00 for normal operation, with CD and CTS grounded or configured for parallel I/O.
This causes CD and CTS to be internally asserted to the SCC.
3. Set RDCR and TDCR to (0b10) a 16
× clock.
4. Set the TENC and RENC bits to 0b010 (FM0).
5. Clear TEND for default operation.
6. Set TPP to 0b11 for a preamble pattern of all ones.
7. Set TPL to 0b000 to transmit the next frame with no synchronization sequence and to 001 to
transmit the next frame with the LocalTalk synchronization sequence. For example, data frames do
not require a preceding synchronization sequence. These bits may be modified on-the-fly if the
AppleTalk protocol is selected.
Two HDLC
CRC-16
Flags
Destination
Address
Data
Control
Byte
6-Bit Sync
Sequence
Source
Address
Closing
Flag
16 Ones
(Abort)
RS-422
TXD
RTS
RXD
Stored in Receive Buffer
Standard HDLC frame handling
MINI-DIN 8
Stored in Transmit Buffer
SCC
RTS
TXD
Tx Data
Tx Enable
Rx Data
MPC8280
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com