Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 819 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 819 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 815Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 816Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 819Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 820Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 821Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 822Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 823Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 819 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
27-3
Figure 27-1. USB Interface
The reference clock for the USB controller (USBCLK) is used by the DPLL circuitry to recover the bit
rate clock. The source for USBCLK is selected in CMXSCR[TS4CS] (refer to Section 16.4.3, “CMX SI2
Clock Route Register (CMXSI2CR)”). The MPC8280 can run at different frequencies, but the USB
reference clock must be four times the USB bit rate. Thus, USBCLK must be 48 MHz for a 12-Mbps
full-speed transfer or 6 MHz for a 1.5-Mbps low-speed transfer.
There are six I/O pins associated with the USB port. Their functionality is described in Table 27-1.
Additional control lines that might be needed by some transceivers (e.g., speed select, low power control)
may be supported by general purpose output lines.
Table 27-1. USB Pins Functions
Signal
I/O
Function
USBTXN,
USBTXP
O
Outputs from the USB transmitter, inputs to the differential driver
.
USBOE
O
Output enable. Enables the transceiver to send data on the bus.
USBTXP
USBRXD
D+
D–
USBOE
USBTXN
USBRXP
USBRXN
MPC8280
+
–
USB
transceiver
TP
TN
Result
0
0
Single ended “0”
0
1
Logic “0”
1
0
Logic “1”
11
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com