Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 822 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 822 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 819Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 820Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 821Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 822Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 823Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 824Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 825Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 826Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 822 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-6
Freescale Semiconductor
Figure 27-3. USB Controller Operating Modes
Table 27-2. USB Tokens
Token
Description
OUT
Reception begins when an OUT token is received. The USB controller fetches the next BD associated
with the endpoint; if the BD is empty, the controller starts sending the incoming packet to the buffer. After
the buffer is full, the USB controller clears RxBD[E] and generates an interrupt if RxBD[I] = 1. If the
incoming packet is larger than the buffer, the USB controller fetches the next BD, and, if it is empty, sends
the rest of the packet to its buffer. The entire packet, including the DATA0/DATA1 PID, are written to the
receive buffers. Software must check data packet synchronization by monitoring the DATA0/DATA1 PID
sequence toggle.
If the packet reception has no CRC or bit stuff errors, the USB receiver sends the handshake selected in
the endpoint configuration register USEP
n[RHS] (see table below) to the host. If an error occurs, no
handshake packet is returned and error status bits are set in the last RxBD associated with this packet.
USB Out Token Reception
USEP
n[RHS]
Data Packet
Corrupted
Handshake Sent
to Host
xx
Yes
None (data
discarded)
00 (Normal)
No
ACK
01 (Ignore)
No
None
10 (NAK)
No
NAK
11 (STALL)
No
STALL
Reset
Unenumerated
IDLE
Setup
Transmit
Receive
Start of frame
SETUP
token
IN
token
OUT
token
SOF
token
Enumeration
process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com