Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 821 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 821 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 819Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 820Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 821Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 822Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 823Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 824Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 825Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 821 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
27-5
Figure 27-2. USB Function Block Diagram
27.4.1
USB Function Controller Transmit/Receive
After reset condition, the USB function is addressable at the default address (0x00). During the
enumeration process the USB function is assigned by the host with a unique address. The USB slave
address register (refer to Section 27.5.7.2, “USB Slave Address Register (USADR)”) should be
programmed with the assigned address. The USB function controller supports four independent endpoints.
Each endpoint can be configured to support either control, interrupt, bulk, or isochronous transfers modes.
This is done by programming the endpoint registers (refer to Section 27.5.7.3, “USB Endpoint Registers
(USEP1–USEP4)”).
NOTE
It is mandatory that endpoint 0 be configured as a control transfer type. This
endpoint is used by the USB system software as a control pipe. Additional
control pipes may be provided by other endpoints.
Once enabled, the USB function controller looks for valid token packets. Figure 27-3 and Table 27-2
describe the behavior of the USB controller for each token. Tokens that are not valid (that is, PID check
fails or CRC check fails or packet length is not 3 bytes) are ignored by the USB function controller.
Mode register
Peripheral bus
U-bus
Command register
Port control
Transmitter
Receiver
USB function
DPLL/
Bus Interface
Rx FIFO
Tx data FIFO
mode register
mode register
Endpoint
registers
Address
register
Port configuration
External transceiver
state machine
16-byte
16-byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com