Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 818 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 818 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 814Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 815Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 816Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 819Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 820Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 821Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 822Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 818 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-2
Freescale Semiconductor
27.2.1
USB Controller Key Features
The USB function mode features are as follows:
•
Four independent endpoints support control, bulk, interrupt, and isochronous data transfers
•
CRC16 generation and checking
•
CRC5 checking
•
NRZI encoding/decoding with bit stuffing
•
12- or 1.5-Mbps data rate
•
Flexible data buffers with multiple buffers per frame
•
Automatic retransmission upon transmit error
The USB host controller features are as follows:
•
Supports control, bulk, interrupt, and isochronous data transfers
•
CRC16 generation and checking
•
NRZI encoding/decoding with bit stuffing
•
Supports both 12- and 1.5-Mbps data rates (automatic generation of preamble token and data rate
configuration). Note that low-speed operation requires an external hub.
•
Flexible data buffers with multiple buffers per frame
•
Supports local loopback mode for diagnostics (12 Mbps only)
27.3
Host Controller Limitations
The following tasks are not supported by the hardware and must be implemented in software:
•
Scheduling the various transfers within and between frames
•
Retransmission after an error and error recovery
•
Incrementing the frame number and generating CRC5 for the SOF (Start of Frame) token
once per frame (1 ms)
Additionally, when using the packet-level interface described in Section 27.5.1.1, “Packet-Level
Interface,” the tokens must be prepared by the software.
Because the MPC8280 USB host controller does not integrate the root hub, an external hub is required
when more than one device is connected to the host.
Also note that the host controller programming model does not conform to the open host controller
interface (OHCI) or universal host controller interface (UHCI) standards in which software drivers are
hardware-independent.
27.3.1
USB Controller Pin Functions and Clocking
The USB controller interfaces to the USB bus through a differential line driver and differential line
receiver. The OE (output enable) signal enables the line driver when the USB controller transmits on the
bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com