Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 820 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 820 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 816Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 819Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 820Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 821Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 822Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 823Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 824Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 820 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-4
Freescale Semiconductor
27.4
USB Function Description
As shown in Figure 27-2, the USB function consists of transmitter and receiver sections and a control unit.
The USB transmitter contains four independent FIFOs, each containing 16 bytes. There is a dedicated
FIFO for each of the four supported endpoints. The USB receiver has a single 16-byte FIFO.
USBRXD
I
Receive data. Input to the USB receiver from the differential line receiver.
USBRXP,
USBRXN
I
Gated version of D+ and D–. Used to detect single-ended zeros and the interconnect speed.
Table 27-1. USB Pins Functions (continued)
Signal
I/O
Function
RP
RN
Result
0
0
Single ended “0”
1
0
Full speed
0
1
Low speed
11
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com