Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 817 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 817 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 813Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 814Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 815Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 816Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 819Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 820Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 821Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 817 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
27-1
Chapter 27
Universal Serial Bus Controller
The universal serial bus (USB) controller allows the MPC8280 to communicate with other devices via a
USB connection. This chapter describes the MPC8280’s USB controller, including basic operation, the
parameter RAM, and registers. It also provides programming examples for initializing host mode and
function mode of the USB controller.
27.1
USB Integration in the MPC8280
The following restrictions apply when enabling the USB controller in the MPC8280:
•
The USB peripheral and SCC4 are mutually exclusive: it is not legal to enable both peripherals at
the same time.
•
The USB controller pins are multiplexed with SCC4 pins in the parallel I/O. Refer to Chapter 41,
“Parallel I/O Ports.” The user programs the parallel I/O registers as if scc4 was being used. If the
USB controller is enabled, the signals are automatically routed to the USB controller instead of
SCC4.
•
The USB controller uses the transmit clock of SCC4 as its clock. The user must program
CMXSCR[T4CS] (refer to Section 16.4.6, “CMX SMC Clock Route Register (CMXSMR)”) to the
desired source for USB when the USB controller is enabled.
•
The user must clear CMXSCR[SC4] (refer to Section 16.4.5, “CMX SCC Clock Route Register
(CMXSCR)) when the USB controller is enabled.
27.2
Overview
The universal serial bus (USB) is an industry-standard extension to the PC architecture. The USB
controller on the MPC8280 supports data exchange between a wide range of simultaneously accessible
peripherals. Attached peripherals share USB bandwidth through a host-scheduled, token-based protocol.
The USB physical interconnect is a tiered-star topology, and the center of each star is a hub. Each wire
segment is a point-to-point connection between the host and a hub or function, or a hub connected to
another hub or a function. The USB transfers signal and power over a four-wire cable, and the signaling
occurs over two wires and point-to-point segments. The USB full speed signaling bit rate is 12 Mbps. Also,
a limited capability low-speed signaling mode is defined at 1.5 Mbps. Refer to the USB Specification
Revision 2.0 for further details. It can be downloaded from http://www.usb.org.
The MPC8280 USB controller consists of a transmitter module, receiver module, and two protocol state
machines. The protocol state machines control the receiver and transmitter modules. One state machine
implements the function state diagram and the other implements the host state diagram. The USB
controller can implement a USB function endpoint, a USB host, or both for testing purposes (loop-back
diagnostics).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com