Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 825 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 825 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 821Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 822Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 823Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 824Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 825Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 826Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 827Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 828Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 829Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
27-9
When USMOD[TEST] is programmed, both the host state machine and function state machine are active.
End points 2-4 receive/transmit data according to tokens received from host. The programming model and
functional description are described in Section 27.5.7, “USB Function Programming Model.”
Figure 27-5. USB Controller Operating Modes
27.5.1.1
Packet-Level Interface
If USEP1[RTE] is 0, the USB host controller uses a packet-level interface to communicate with the user.
Each transmit packet is prepared in a buffer and referenced by a TxBD as described in Section 27.6.3,
“USB Transmit Buffer Descriptor (Tx BD) for Host.” Each receive packet is stored in a buffer referenced
by a RxBD as described in Section 27.6.1, “USB Receive Buffer Descriptor (Rx BD) for Host and
Function.” A SETUP or OUT transaction requires at least two TxBDs, one for the token and one or more
for the data packet. An IN transaction requires one TxBD for the token and one or more RxBDs for the
data packet. Tokens are not checked for validity and are transmitted as is. The user is responsible for token
validity as well as CRC5 generation.
27.5.1.2
Transaction-Level Interface
NOTE
The transaction-level interface described in this section is available only on
.13
µm (HiP7) Revision A.0 and future devices.
Reset
IDLE
Setup
Transmit
Receive
SETUP
token
OUT
token
IN
token
PREAMBLE
Low Speed
Full
Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com