Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 828 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 828 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 824Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 825Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 826Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 827Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 828Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 829Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 830Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 831Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 832Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 828 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-12
Freescale Semiconductor
27.5.2
SOF Transmission for USB Host Controller
The following section describes the mechanism used by the USB Host Controller to support the automatic
transmission of SOF tokens. This mechanism is enabled by setting USMOD[SFTE].
SOF packets should be transmitted every 1 ms. Since the time interval between two SOF packets must be
more precise than could be accomplished by software, a hardware timer is used to assert an interrupt to the
CP. When the interrupt is serviced by the CP, it prepares a SOF token and loads it to the host endpoint.
Once the SOF token is loaded to the FIFO, it is transmitted like any other packet.
Before each SOF transmission, the software should prepare a value for the frame number and CRC5 to be
transmitted in SOF token and place it in the parameter RAM (for further details please refer to
Section 27.5.5, “Frame Number (FRAME_N)”. One possible implementation would be to use the SOF
interrupt (see Section 27.5.7.5, “USB Event Register (USBER)”) to prepare the frame number for the next
SOF packet. The SFT interrupt should not be used for this purpose since it is generated before the SOF
packet is actually transmitted.
The application software should also guarantee that the USB host has completed all pending transactions
prior to the 1 ms tick so that the transmit FIFO is empty at this point. The current value of the SOF timer
may be read at any time to synchronize the software with the USB frames. See Section 27.5.7.8, “USB
Start of Frame Timer (USSFT)” for more information.
27.5.3
USB Function and Host Parameter RAM Memory Map
The USB controller parameter RAM area, shown in Table 27-4, begins at the USB base address, 0x8B00
(offset from RAM_Base). Note that the user must initialize certain parameter RAM values before the USB
controller is enabled.
Table 27-4. USB Parameter RAM Memory Map
Address
Name1
Width
Description
USB Base + 00
EP1PTR
Half word
Endpoint pointer registers 1–4. The endpoint parameter block pointers are
index pointers to each endpoint’s parameter block. Parameter blocks can
be allocated to any address divisible by 32 in the dual port RAM. See
Figure 27-6. The map of the endpoint parameter block is shown in
Table 27-5
Note: When USB host mode is set EP1PTR must be used for the host
endpoint.
USB Base + 02
EP2PTR
Half word
USB Base + 04
EP3PTR
Half word
USB Base + 06
EP4PTR
Half word
USB Base + 08
RSTATE
Word
Receive internal state. Reserved for CP use only. Should be cleared before
enabling the USB controller.
USB Base + 0C
RPTR
Word
Receive internal data pointer. Updated by the SDMA channels to show the
next address in the buffer to be accessed.
USB Base + 10
FRAME_
N
Half word
Frame number. See Figure 27-7
Note: The definition of this parameter is different for host mode and
function mode.
USB Base + 12
RBCNT
Half word
Receive internal byte count. A down-count value that is initialized with the
MRBLR value and decremented with every byte written by the SDMA
channels.
USB Base + 14
RTEMP
Word
Receive temp. Reserved for CP use only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com