Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 830 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 830 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 826Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 827Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 828Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 829Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 830Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 831Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 832Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 833Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 834Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 830 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-14
Freescale Semiconductor
0x06
MRBLR
16 bits
Maximum receive buffer length. Defines the maximum number of bytes the MPC8280
writes to the USB receive buffer before moving to the next buffer. MRBLR must be
divisible by 4. The MPC8280 can write fewer data bytes to the buffer than the MRBLR
value if a condition such as an error or end-of-packet occurs, but it never exceeds
MRBLR. Therefore, user-supplied buffers should never be smaller than MRBLR.
MRBLR is not designed to be changed dynamically for the currently active RxBD
during USB operation; however, MRBLR can be modified safely for the next and
subsequent RxBDs using a single bus cycle with one 16-bit move (not two 8-bit bus
cycles back-to-back).
Transmit buffers for the USB controller are not affected by the MRBLR value. Transmit
buffer lengths can vary individually, as needed. The number of bytes to be sent is
chosen by programming TxBD[Data Length].
When using the transaction-level interface in host mode, this field is used by the CP
and does not have to be initialized by the user.
0x08
RBPTR
16 bits
RxBD pointer. Points to the next BD the receiver will transfer data to when it is in an
idle state or to the current BD while processing a frame. Software should initialize
RBPTR after reset. When the end of the BD table is reached, the CP initializes this
pointer to the value programmed in RBASE. Although the user does not need to write
RBPTR in most applications (except initialization), it can be changed when the
receiver is disabled or when no receive buffer is being used.
When using the transaction-level interface in host mode, this field is unused.
0X0A
TBPTR
16 bits
TxBD pointer. Points to the next BD that the transmitter will transfer data from when it
is in an idle state or to the current BD during frame transmission. TBPTR should be
initialized by the software after reset. When the end of BD table is reached, the CP
initializes this pointer to the value programmed in the TBASEn entry. Although the
user never needs to write TBPTR, in most applications (except initialization), it can be
changed when the transmitter is disabled or when no transmit buffer is being used.
0X0C
TSTATE3
32 bits
Transmit internal state. Reserved for CP use only. Should be cleared before enabling
the USB controller.
0x10
TPTR3
32 bits
Transmit internal data pointer. Updated by the SDMA channels to show the next
address in the buffer to be accessed.
0x14
TCRC3
16 bits
Transmit temp CRC. Reserved for CP use only.
0x16
TBCNT3
16 bits
Transmit internal byte count. A down-count value that is initialized with the TxBD data
length and decremented with every byte read by the SDMA channels.
0x18
TTEMP
32 bits
Tx temp
0x1C
TXUSBU
_PTR
16 bits
Tx microcode return address temp
0x1E
HIMMR
16 bits
When using the transaction-based interface in host mode, this field must be
programmed to match the high 16 bits of the IMMR. Otherwise, this field is unused.
1
Offset from endpoint parameter block base.
2 Note that the items in boldface should be initialized by the user.
3 These parameters need not be accessed in normal operation but may be helpful for debugging.
Table 27-5. Endpoint Parameter Block (continued)
Offset1
Name2
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com