Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 834 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 834 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 830Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 831Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 832Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 833Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 834Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 835Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 836Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 837Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 838Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 834 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-18
Freescale Semiconductor
27.5.7.2
USB Slave Address Register (USADR)
The USB address register is an 8-bit, memory-mapped register. It holds the address for this USB port when
operating as function.
Table 27-10 describes USADR fields.
27.5.7.3
USB Endpoint Registers (USEP1–USEP4)
There are four memory-mapped endpoint configuration registers.
Table 27-11 describes the fields of USEP1–USEP4. The setting for USB host controller should be set only
in USEP1, when USMOD[HOST] is set.
01
7
Field
—
SADx
Reset
0000_0000
R/W
R/W
Addr
0x11B61
Figure 27-11. USB Slave Address Register (USADR)
Table 27-10. USADR Fields
Bits
Name
Description
0
—
Reserved, should be cleared.
1–7
SADx
Slave address 0–6. Holds the slave address for the USB port, when configured as function
0
345
6789
10
11
12
13
14
15
Field
EPN
—
TM
—
MF
RTE
THS
RHS
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11B64 (USEP1); 0x11B66 (USEP2); 0x11B68 (USEP3); 0x11B6A (USEP4)
Figure 27-12. USB Endpoint Registers (USEP1–USEP4)
Table 27-11. USEPx Field Descriptions
Bits
Name
USB Function Mode
USB Host Mode
0–3
EPN
Endpoint number. For USB function controller
defines the supported endpoint number.
For USB host controller, should be cleared
4–5
—
Reserved, should be cleared
Reserved, should be cleared
6–7
TM
Transfer mode for USB function controller
00 Control
01 Interrupt
10 Bulk
11 Isochronous
Transfer mode for USB host controller
00 Control /interrupt/bulk
11 Isochronous
8–9
—
Reserved, should be cleared.
Reserved, should be cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com