Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 836 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 836 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 832Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 833Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 834Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 835Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 836Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 837Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 838Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 839Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 840Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 836 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-20
Freescale Semiconductor
27.5.7.4
USB Command Register (USCOM)
USCOM is used to start the USB transmit operation.
Table 27-12 describes USCOM fields.
27.5.7.5
USB Event Register (USBER)
The USBER reports events recognized by the USB channel and generates interrupts. Upon recognition of
an event, the USB sets its corresponding bit in the USBER. Interrupts generated by this register may be
masked in the USB mask register.
The USBER may be read at any time. A bit is cleared by writing a one (writing a zero does not affect a
bit’s value). More than one bit may be cleared at a time. All unmasked bits must be cleared before the CP
will clear the internal interrupt request. This register is cleared at reset.
01
234
567
Field
STR
FLUSH
ISFT
DSFT
—
EP
Reset
0000_0000
R/W
R/W
Addr
0x11B62
Figure 27-13. USB Command Register (USCOM)
Table 27-12. USCOM Fields
Bits
Name
Description
0
STR
Start FIFO fill. Setting the STR bit to one causes the USB controller to start the filling the
corresponding end point transmit FIFO with data. Transmission will begin once the IN token
for this end-point is received. The STR bit is read always as a zero.
1
FLUSH
Flush FIFO. Setting the FLUSH bit to one causes the USB controller to flush the
corresponding end point transmit FIFO. Before flushing the FIFO, the user should issue the
Stop_Tx command. After flushing the FIFO the user should issue the Restart_Tx command
(Refer to Section 27.7, “USB CP Commands.”). FLUSH is always read as a zero.
2
ISFT
Increment Start-of-Frame Time. Setting the ISFT bit increments the start-of-frame time by
one. This bit could be used to synchronize the USB frames to an external timing source.
3
DSFT
Decrement Start-of-Frame Time. Setting the DSFT bit decrements the start-of-frame time
by one. This bit could be used to synchronize the USB frames to an external timing source.
4–5
—
Reserved, should be cleared.
6–7
EP
End point. Selects one of the four supported end points.
012
34
5
6
7
8
9
10
11
12
13
14
15
Field
—
SFT
RESET IDLE TXE4 TXE3 TXE2 TXE1 SOF
BSY
TXB
RXB
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11B70
Figure 27-14. USB Event Register (USBER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com