Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 837 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 837 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 833Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 834Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 835Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 836Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 837Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 838Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 839Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 840Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 841Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 837 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
27-21
Table 27-13 describes USBER fields.
27.5.7.6
USB Mask Register (USBMR)
The USBMR is a 16-bit read/write register (0x11B74) that has the same bit formats as the USB event
register. If a bit in the USBMR is one, the corresponding interrupt in the USBER is enabled. If the bit is
zero, the corresponding interrupt in the USBER will be masked. This register is cleared at reset.
27.5.7.7
USB Status Register (USBS)
The USB status register, described in Figure 27-15 and Table 27-14, is a read-only register that allows the
user to monitor real-time status condition on the USB lines.
Table 27-13. USBER Fields
Bit
Name
Description
0–4
—
Reserved, should be cleared.
5
SFT
The start-of-frame timer (USSFT[SFT]) wrapped from 11,999 to 0.
6
RESET
Reset condition detected. USB reset condition was detected asserted.
7
IDLE
IDLE status changed. A change in the status of the serial line was detected. The real time
suspend status is reflected in the USB status register.
8–11
TXEx
Tx error. An error occurred during transmission for End Point x (packet not acknowledged
or underrun).
12
SOF
Start of frame. A start of frame packet was received. The packet is stored in the FRAME_N
parameter ram entry.
13
BSY
Busy condition. Received data has been discarded due to a lack of buffers. This bit is set
after the first character is received for which there is no receive buffer available.
14
TXB
Tx buffer. A buffer has been transmitted. This bit is set once the transmit data of the last
character in the buffer was written to the transmit FIFO (if L=0 (last bit)) or after the last
character was transmitted on the line (if L=1).
15
RXB
Rx buffer. A buffer has been received. This bit is set after the last character has been written
to the receive buffer and the Rx BD is closed.
0
67
Field
—
IDLE
Reset
0000_0000
R/W
R
Addr
0x11B77
Figure 27-15. USB Status Register (USBS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com