Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 840 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 840 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 836Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 837Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 838Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 839Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 840Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 841Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 842Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 843Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 844Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 840 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-24
Freescale Semiconductor
27.6.1
USB Receive Buffer Descriptor (Rx BD) for Host and Function
The CP reports information about each buffer of received data using Rx BDs. The CP closes the current
buffer, generates a maskable interrupt, and starts receiving data in the next buffer when the current buffer
is full. Additionally, it closes the buffer on the following conditions:
•
End of packet detected
•
Overrun error occurred
•
Bit stuff violation detected
As shown in Figure 27-18, the first word of the Rx BD contains status and control bits. These bits are
prepared by the user before reception and are set by the CP after the buffer has been closed. The second
word contains the data length—in bytes—that was received. The third and fourth words contain a pointer
that always points to the beginning of the received data buffer.
The RxBD is identical for both the host mode (when using the packet-level interface) and the function
mode. There are no RxBDs in host mode when using the transaction-level interface.
Table 27-16 describes USB receive buffer descriptor fields.
01
23456
789
10
11
12
13
14
15
OFFSET + 0
E
—
W
I
L
F
—PID
—
NO
AB
CR
OV
—
OFFSET + 2
DATA LENGTH
OFFSET + 4
RX DATA BUFFER POINTER
OFFSET + 6
Figure 27-18. USB Receive Buffer Descriptor (Rx BD)1,2
1 Entries in boldface must be initialized by the user.
2 All fields should be written by the CPU core before enabling the USB.
Table 27-16. USB Rx BD Fields
Offset
Bit
Name
Description
0x00
0
E
Empty
0 The data buffer associated with this Rx BD has been filled with received data, or
data reception has been aborted due to an error condition. The CPU core is free
to examine or write to any fields of this Rx BD. The CP will not use this BD again
while the E-bit remains zero.
1 The data buffer associated with this BD is empty, or reception is currently in
progress. This Rx BD and its associated receive buffer are owned by the CP. Once
the E-bit is set, the CPU core should not write any fields of this Rx BD.
1
—
Reserved, should be cleared
2
W
Wrap (Final BD in table)
0 This is not the last BD in the Rx BD table.
1 This is the last BD in the Rx BD table. After this buffer has been used, the CP will
receive incoming data into the first BD in the table (the BD pointed to by RBASE).
The number of Rx BDs in this table is programmable and is determined only by the
W-bit and the overall space constraints of the dual-port RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com