Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 842 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 842 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 838Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 839Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 840Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 841Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 842Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 843Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 844Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 845Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 846Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 842 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-26
Freescale Semiconductor
The receive buffer pointer always points to the first location of the associated buffer. The pointer must be
divisible by 4. The buffer may reside in either internal or external memory.
27.6.2
USB Transmit Buffer Descriptor (Tx BD) for Function
Data that the USB function wishes to transmit to the host is arranged in buffers referenced by the Tx BD
ring. The first word of the Tx BD contains the status and control bits.
Table 27-17 describes USB TxBD fields.
012
34567
89
10
11
12
13
14
15
OFFSET + 0
R
—
W
I
L
TC
CNF
PID
—TO
UN
—
OFFSET + 2
DATA LENGTH
OFFSET + 4
TX DATA BUFFER POINTER
OFFSET + 6
Figure 27-19. USB Transmit Buffer Descriptor (Tx BD)1,2
1 Entries in boldface must be initialized by the user.
2 All fields should be prepared by the user before transmission.
Table 27-17. USB Function Tx BD Fields
Offset
Bit
Name
Description
0x00
0
R
Ready
0 The data buffer associated with this BD is not ready for transmission. The user is
free to manipulate this BD or its associated data buffer. The CP clears this bit after
the buffer has been transmitted or after an error condition is encountered.
1 The data buffer, which has been prepared for transmission by the user, has not
been transmitted or is currently being transmitted. No fields of this BD may be
written by the user once this bit is set.
1
—
Reserved, should be cleared
2
W
Wrap (Final BD in table)
0 This is not the last BD in the Tx BD table.
1 This is the last BD in the Tx BD table. After this buffer has been used, the CP will
send data using the first BD in the table (the BD pointed to by TBASEx). The
number of Tx BDs in this table is programmable, and is determined only by the Tx
BD[W] and the overall space constraints of the dual-port RAM.
3
I
Interrupt
0 No interrupt is generated after this buffer has been serviced.
1The TXB or TXE bit in the event register is set when this buffer is serviced. TXB and
TXE can cause interrupts if they are enabled.
4
L
Last
0 Buffer does not contain the last byte of the message
1 Buffer contains the last byte of the message
5
TC
Transmit CRC. Valid only when the L bit is set; otherwise it is ignored. Prepare TC
before sending data.
0 Transmit end-of-packet after the last data byte. This setting can be used for testing
purposes to send a bad CRC after the data.
1 Transmit the CRC sequence after the last data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com