Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 844 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 844 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 840Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 841Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 842Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 843Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 844Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 845Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 846Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 847Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 848Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 844 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-28
Freescale Semiconductor
Table 27-17 describes USB TxBD fields.
012
34567
89
10
11
12
13
14
15
OFFSET + 0
R
—
W
I
L
TC
CNF LSP
PID
—
NAK STAL
TO
UN
—
OFFSET + 2
DATA LENGTH
OFFSET + 4
TX DATA BUFFER POINTER
OFFSET + 6
Figure 27-20. USB Transmit Buffer Descriptor (Tx BD)1,2
1 Entries in boldface must be initialized by the user.
2 All fields should be prepared by the user before transmission.
Table 27-18. USB Host Tx BD Fields
Offset
Bit
Name
Description
0x00
0
R
Ready
0 The data buffer associated with this BD is not ready for transmission. The user is
free to manipulate this BD or its associated data buffer. The CP clears this bit after
the buffer has been transmitted or after an error condition is encountered.
1 The data buffer, which has been prepared for transmission by the user, has not
been transmitted or is currently being transmitted. No fields of this BD may be
written by the user once this bit is set.
1
—
Reserved, should be cleared
2
W
Wrap (Final BD in Table)
0 This is not the last BD in the Tx BD table.
1 This is the last BD in the Tx BD table. After this buffer has been used, the CP will
send data using the first BD in the table (the BD pointed to by TBASEx). The
number of Tx BDs in this table is programmable, and is determined only by the Tx
BD[W] and the overall space constraints of the dual-port RAM.
3
I
Interrupt
0 No interrupt is generated after this buffer has been serviced.
1The TXB bit in the event register is set when this buffer is serviced. TXB can cause
an interrupt if it is enabled.
4
L
Last
0 Buffer does not contain the last byte of the message
1 Buffer contains the last byte of the message
5
TC
Transmit CRC. Valid only when the L bit is set; otherwise it is ignored. Prepare TC
before sending data.
0 Transmit end-of-packet after the last data byte. This setting can be used for testing
purposes to send a bad CRC after the data.
1 Transmit the CRC sequence after the last data byte.
6
CNF
Transmit confirmation. Valid only when the L bit is set; otherwise it is ignored.
Applies to multi-frame enabled endpoints (USEP
n[MF] = 1); see Section 27.5.7.3,
“USB Endpoint Registers (USEP1–USEP4).”
0 Continue to load the transmit FIFO with the next packet. No handshake or
response is expected from the function for this packet.
1 Wait for handshake or response from the function before starting the next packet,
or this is the last packet.
Do not clear CNF for a token preceding a data packet unless the data packet’s BD is
ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com