Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 847 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 847 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 843Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 844Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 845Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 846Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 847Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 848Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 849Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 850Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 851Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 847 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
27-31
8–9
PID
Packet ID.
For OUT/SETUP transactions, this field is prepared by the user with the
following values:
0X Do not append PID to the data packet.
10 Transmit DATA0 PID before sending the data packet.
11 Transmit DATA1 PID before sending the data packet.
For IN transactions, this field is provided by the USB host controller with the
following values:
00 Buffer contains DATA0 packet.
01 Buffer contains DATA1 packet.
10
RXER1
Receive Error. This bit indicates that an error was detected while receiving the
data packet of an IN transaction. If RXER is 1, bits 11-15 have a different
meaning as explained below.
11
NAK/NO1
RXER=0: NAK received. Indicates that the endpoint has responded with a NAK
handshake (OUT transaction). The packet was received error-free; however,
the endpoint could not accept it.
RXER=1: Rx non-octet aligned packet. A packet that contained a number of
bits not exactly divisible by eight was received. Written by the USB controller
after the received data has been placed into the associated data buffer.
12
STAL/AB1
RXER=0: STALL received. Indicates that the endpoint has responded with a
STALL handshake (OUT transaction). The endpoint needs attention through
the control pipe.
RXER=1: Frame aborted. Bit stuff error occurred during reception. Written by
the USB controller after the received data has been placed into the associated
data buffer.
13
TO/CR1
RXER=0: Time out. Indicates that the endpoint failed to acknowledge the token
(IN transaction) or the data packet (OUT/SETUP transaction).
RXER=1: CRC error. This frame contains a CRC error. The received CRC
bytes are always written to the receive buffer. Written by the USB controller
after the received data has been placed into the associated data buffer.
14
UN/OV1
RXER=0: Underrun. Indicates that the USB encountered a transmit FIFO
underrun condition while sending the data packet (OUT/SETUP transaction).
RXER=1: Overrun. An internal receive FIFO overrun occurred during reception.
Written by the USB controller after the received data has been placed into the
associated data buffer.
15
BOV1
Buffer Overflow. IN transactions only. Indicates that the number of received
bytes is larger than the buffer size as provided in the Data Length field.
0x02
0–15
Data Length
For OUT/SETUP transactions, the user prepares this field with the number of
bytes to be sent from the data buffer. It will not be modified by the CP.
For IN transactions, the user prepares this field with the size of the data buffer,
which must be divisible by 4. The CP will return the actual number of bytes
written to the data buffer. If the number of received bytes, including the 2-byte
CRC, is larger than the data buffer, the BOV bit will be set by the CP.
Table 27-19. USB Host TrBD Fields (continued)
Offset
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com