Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 849 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 849 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 845Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 846Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 847Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 848Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 849Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 850Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 851Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 852Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 853Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 849 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
27-33
27.7.2
RESTART Tx Command
This command enables the transmission of data from the corresponding endpoint on the USB. This
command is expected by the USB controller after a STOP Tx Command, or after transmission error
(underrun or time-out).
27.8 USB Controller Errors
The USB controller reports frame reception and transmission error conditions using the BDs and the USB
event register (USBER). Transmission errors are shown in Table 27-20. Errors that exist exclusively in
host mode or function mode are marked as such.
Table 27-21 describes the USB controller reception errors.
Table 27-20. USB Controller Transmission Errors
Error
Description
Transmit
underrun
If an underrun occurs, the transmitter forces a bit stuffing violation, terminates buffer transmission,
closes the buffer, sets TxBD[UN] and the corresponding USBER[TXE
n]. The endpoint resumes
transmission after the RESTART TX ENDPOINT command is received.
Transmit
timeout
Transmit packet not acknowledged. If a timeout occurs, the controller tries to retransmit if
USEP
n[RTE] = 1. If RTE = 0 or the second attempt fails, the controller closes the buffer and sets
TxBD[TO] and USBER[TXE
n]. The endpoint resumes transmission after receiving a RESTART TX
ENDPOINT
command.
Tx data not
ready
For USB function mode only.
This error occurs if an IN token is received, but the corresponding endpoint’s transmit FIFO is empty, or
if the target endpoint is configured to NAK or STALL. The controller sets USBER[TXE
n].
Reception
of NAK or
STALL
hand shake
For USB host mode only.
If this error occurs, the channel closes the buffer, sets the corresponding status bit in the Tx BD (NAK
or STAL), and sets the TXE bit in the USB event register. When using the packet-level interface, the host
will resume transmission after reception of the RESTART TRANSMIT command.
Table 27-21. USB Controller Reception Errors
Error
Description
Overrun Error
If the 16-byte receive FIFO overruns, the previously received byte is overwritten. The controller
closes the buffer and sets both RxBD[OV] and USBER[RXB].
For USB function mode the NAK handshake is sent after the end of the received packet if the
packet was received error-free.
Busy Error
A frame was received and discarded due to lack of buffers. The controller sets USBER[BSY].
Non Octet-Aligned
Packet
If this error occurs, the controller writes the received data to the buffer, closes the buffer and sets
both RxBD[NO] and USBER[RXB].
CRC Error
When a CRC error occurs, the controller closes the buffer, and sets both RxBD[CR] and
USBER[RXB]. In isochronous mode (USEP
n[TM] = 0b11), the USB controller reports a CRC
error; however, there are no handshake packets (ACK) and the transfer continues normally when
an error occurs.
Buffer Overflow
For USB host mode packet-level interface only.
If the received data packet is larger than the allocated buffer, the remaining data is discarded,
and TrBD[BOV] is set. The TXE1 interrupt bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com