Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 852 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 852 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 848Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 849Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 850Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 851Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 852Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 853Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 854Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 855Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 856Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 852 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-36
Freescale Semiconductor
6. Write 0x0000_0020 to DPRAM+0x508 to set up the RBPTR and TBPTR fields of the host
endpoint parameter RAM.
7. Clear the TSTATE field of the host endpoint parameter RAM.
8. Write 0x0008_0028 to DPRAM+0x520 to set up the RBASE and TBASE fields of the endpoint 2
parameter RAM.
9. Write 0x1818_0100 to DPRAM+0x524 to set up the RFCR, TFCR, and MRBLR fields of the
endpoint 2 parameter RAM.
10. Write 0x0008_0028 to DPRAM+0x528 to set up the RBPTR and TBPTR fields of the endpoint 2
parameter RAM.
11. Clear the TSTATE field of the endpoint 2 parameter RAM.
12. Write 0xB000_0000 to DPRAM+0x00 to set up the RxBD[Status and Control, Data Length] fields
of the host endpoint.
13. Write DPRAM+0x100 to DPRAM+0x04 to set up the RxBD[Buffer Pointer] field of the host
endpoint.
14. Write 0xB800_0003 to DPRAM+0x20 to set up the TxBD[Status and Control, Data Length] fields
of the host endpoint.
15. Write DPRAM+0x200 to DPRAM+0x24 to set up the TxBD[Buffer Pointer] field of the host
endpoint.
16. Write 0xBC80_0003 to DPRAM+0x28 to set up the TxBD[Status and Control, Data Length] fields
of the function endpoint.
17. Write DPRAM+0x210 to DPRAM+0x2C to set up the TxBD[Buffer Pointer] field of the function
endpoint.
18. Write 0x698560 to DPRAM+0x200 to set up the host endpoint Tx data pattern. This pattern
consists of the IN token and the CRC5.
19. Write 0xABCD_1234 to DPRAM+0x210 to set up the function endpoint Tx data pattern.
20. Write 0x0020 to USEP1 for the host: non-isochronous transfer, multi-packet, packet-level
interface.
21. Write 0x1100 to USEP2 for the function: interrupt transfer, one packet only.
22. Write 0x06 to USMOD for full-speed 12 Mbps signaling, local loopback configuration (test and
host modes set), and disable the USB.
23. Write 0x05 to the USAD for slave address 5.
24. Set USMOD[EN] to enable the USB controller.
25. Write 0x81 to the USCOM to start filling the Tx FIFO with endpoint 2 data to be ready for
transmission when an IN token is received.
26. Write 0x80 to the USCOM to start transmitting the IN token.
The expected results are as follows:
•
TxBD[Status and Control] of the host endpoint should contain 0x3800.
•
TxBD[Data Length] of the host endpoint should contain 0x0003.
•
TxBD[Status and Control] of endpoint 2 should contain 0x3C80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com