Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 855 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 855 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 851Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 852Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 853Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 854Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 855Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 856Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 857Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 858Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 859Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 855 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-1
Chapter 28
Serial Management Controllers (SMCs)
The two serial management controllers (SMCs) are full-duplex ports that can be configured independently
to support one of three protocols or modes—UART, transparent, or general-circuit interface (GCI). Simple
UART operation is used to provide a debug/monitor port in an application, which allows the SCCs to be
free for other purposes. The SMC in UART mode is not as complex as that of the SCC in UART mode.
The SMC clock can be derived from one of the internal baud rate generators or from an external clock
signal. However, the clock should be a 16
× clock.
In totally transparent mode, the SMC can be connected to a TDM channel (such as a T1 line) or directly
to its own set of signals. The receive and transmit clocks are derived from the TDM channel, the internal
baud rate generators, or from an external 1
× clock. The transparent protocol allows the transmitter and
receiver to use the external synchronization signal. The SMC in transparent mode is not as complex as that
of the SCC in transparent mode.
Each SMC supports the C/I and monitor channels of the GCI bus, for which the SMC connects to a
time-division multiplex (TDM) channel in a serial interface (SIx). SMCs support loopback and echo
modes for testing. The SMC receiver and transmitter are double-buffered, corresponding to an effective
FIFO size (latency) of two characters. Chapter 15, “Serial Interface with Time-Slot Assigner,” describes
GCI interface configuration.
Figure 28-1 shows the SMC block diagram.
Figure 28-1. SMC Block Diagram
Shifter
SYNC
Rx
Data
Register
Tx
Data
Register
RXD
Control
Logic
TXD
Control
Registers
Shifter
Peripheral Bus
CLK
60x Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com