Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 859 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 859 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 855Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 856Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 857Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 858Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 859Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 860Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 861Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 862Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 863Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 859 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-5
Figure 28-3. SMC Memory Structure
The BD table allows buffers to be defined for transmission and reception. Each table forms a circular
queue. The CP uses BDs to confirm reception and transmission so that the processor knows buffers have
been serviced. The data resides in external or internal buffers.
When SMCs are configured to operate in GCI mode, their memory structure is predefined to be one
half-word long for transmit and one half-word long for receive. For more information on these half-word
structures, see Section 28.5, “The SMC in GCI Mode.”
28.2.3
SMC Parameter RAM
The CP accesses each SMC’s parameter table using a user-programmed pointer (SMCx_BASE) located in
the parameter RAM; see Section 14.5.2, “Parameter RAM.” Each SMC parameter RAM table can be
placed at any 64-byte aligned address in the dual-port RAM’s general-purpose area (banks 1–8, 11 and 12).
The protocol-specific portions of the SMC parameter RAM are discussed in the sections that follow. The
SMC parameter RAM shared by the UART and transparent protocols is shown in Table 28-2. Parameter
RAM for GCI protocol is described in Table 28-17.
Status and Control
Data Length
Buffer Pointer
Pointer to SMCx
TxBD Table
Pointer to SMCx
RxBD Table
SMC RxBD
Table
SMC TxBD
Table
Dual-Port RAM
Status and Control
Data Length
Buffer Pointer
Tx Data Buffer
External Memory
RxBD Table
TxBD Table
Rx Data Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com