Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 862 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 862 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 858Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 859Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 860Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 861Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 862Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 863Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 864Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 866Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 862 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
28-8
Freescale Semiconductor
28.2.3.1
SMC Function Code Registers (RFCR/TFCR)
The function code registers contain the transaction specification associated with SDMA channel accesses
to external memory. Figure 28-4 shows the register format.
Table 28-3 describes FCR fields.
28.2.4
Disabling SMCs On-the-Fly
An SMC can be disabled and reenabled later by ensuring that buffers are closed properly and new data is
transferred to or from a new buffer. Such a sequence is required if the parameters to be changed are not
dynamic. If the register or bit description states that dynamic changes are allowed, the sequences need not
be followed and the register or bits may be changed immediately.
NOTE
The SMC does not have to be fully disabled for parameter RAM to be
modified. Table 28-2 describes when parameter RAM values can be
modified. To disable all SCCs, SMCs, the SPI, and the I2C, use the CPCR
to reset the CPM with a single command.
01234567
Field
GBL
BO
TC2
DTB
—
R/W
R/W
Addr
SMC base + 0x04 (RFCR)/SMC base + 0x05 (TFCR)
Figure 28-4. SMC Function Code Registers (RFCR/TFCR)
Table 28-3. RFCR/TFCR Field Descriptions
Bit
Name
Description
0–1
—
Reserved, should be cleared.
2
GBL
Global access bit
0 Disable memory snooping
1 Enable memory snooping
3–4
BO
Byte ordering. Selects byte ordering of the data buffer.
00 The DEC/Intel convention (swapped operation or little-endian). The transmission order of bytes
within a buffer word is opposite of Freescale mode. (32-bit port size memory only).
01 Munged little-endian. As data is sent onto the serial line from the buffer, the LSB of the buffer
double word contains data to be sent earlier than the MSB of the same double word.
1x Freescale (big-endian) byte ordering (normal operation). As data is sent onto the serial line from
the buffer, the MSB of the buffer word contains data to be sent earlier than the LSB of the same
word.
5
TC2
Transfer code 2. Contains the transfer code value of TC[2], used during this SDMA channel memory
access. TC[0–1] is driven with a 0b11 to identify this SDMA channel access as a DMA-type access.
6
DTB
Data bus indicator.
0 Use 60x bus for SDMA operation.
1 Use local bus for SDMA operation.
7
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com