Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 864 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 864 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 860Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 861Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 862Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 863Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 864Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 866Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 867Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 868Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 864 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
28-10
Freescale Semiconductor
2. Issue an INIT TX AND RX PARAMETERS COMMAND to initialize transmit and receive parameters.
Make any additional SMCMR changes.
3. Set SMCMR[REN, TEN]. The SMC is now enabled with the new protocol.
28.2.5
Saving Power
When SMCMR[TEN, REN] are cleared, the SMC consumes little power.
28.2.6
Handling Interrupts in the SMC
Follow these steps to handle an interrupt in the SMC:
1. Once an interrupt occurs, read SMCE to identify the interrupt source. The SMCE bits are usually
cleared at this time.
2. Process the TxBD to reuse it if SMCE[TXB] is set. Extract data from the RxBD if SMCE[RXB]
is set. To send another buffer, set TxBD[R].
3. Execute the rfi instruction.
28.3
SMC in UART Mode
SMCs generally offer less functionality and performance in UART mode than do SCCs, which makes them
more suitable for simpler debug/monitor ports instead of full-featured UARTs. SMCs do not support the
following features in UART mode.
•RTS, CTS, and CD signals
•
Receive and transmit sections clocked at different rates
•
Fractional stop bits
•
Built-in multidrop modes
•
Freeze mode for implementing flow control
•
Isochronous (1
× clock) operation (A 16× clock is required for UART operation.)
•
Interrupts on special control character reception
•
Ability to transmit data on demand using the TODR
•
SCCS register to determine idle status of the receive signal
•
Other features for the SCCs as described in the GSMR
However, SMCs allow a data length of up to 14 bits; SCCs support up to 8 bits.
Figure 28-5. SMC UART Frame Format
SMCLK
SMTXD
16x
Start
Bit
Parity
Bit
(Optional)
5 to 14 Data Bits with the
Least Significant Bit First
1 or 2
Stop Bits
(not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com