Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 865 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 865 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 861Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 862Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 863Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 864Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 866Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 867Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 868Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 869Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 865 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-11
28.3.1
Features
The following list summarizes the main features of the SMC in UART mode:
•
Flexible message-oriented data structure
•
Programmable data length (5–14 bits)
•
Programmable 1 or 2 stop bits
•
Even/odd/no parity generation and checking
•
Frame error, break, and idle detection
•
Transmit preamble and break sequences
•
Received break character length indication
•
Continuous receive and transmit modes
28.3.2
SMC UART Channel Transmission Process
The UART transmitter is designed to work with almost no intervention from the core. When the core
enables the SMC transmitter, it starts sending idles. The SMC immediately polls the first BD in the
transmit channel BD table and once every character time after that, depending on character length. When
there is a message to transmit, the SMC fetches data from memory and starts sending the message.
When a BD data is completely written to the transmit FIFO, the SMC writes the message status bits into
the BD and clears R. An interrupt is issued if the I bit in the BD is set. If the next TxBD is ready, the data
from its buffer is appended to the previous data and sent over the transmit signal without any gaps between
buffers. If the next TxBD is not ready, the SMC starts sending idles and waits for the next TxBD to be
ready.
By appropriately setting the I bit in each BD, interrupts can be generated after each buffer, a specific buffer,
or each block is sent. The SMC then proceeds to the next BD. If the CM bit is set in the TxBD, the R bit
is not cleared, allowing a buffer to be automatically resent next time the CP accesses this buffer. For
instance, if a single TxBD is initialized with the CM and W bits set, the buffer is sent continuously until R
is cleared in the BD.
28.3.3
SMC UART Channel Reception Process
When the core enables the SMC receiver, it enters hunt mode and waits for the first character. The CP then
checks the first RxBD to see if it is empty and starts storing characters in the buffer. When the buffer is
full or the MAX_IDL timer expires (if enabled), the SMC clears the E bit in the BD and generates an
interrupt if the I bit in the BD is set. If incoming data exceeds the buffer’s length, the SMC fetches the next
BD, and, if it is empty, continues transferring data to this BD’s buffer. If CM is set in the RxBD, the E bit
is not cleared, so the CP can overwrite this buffer on its next access.
28.3.4
Programming the SMC UART Controller
UART mode is selected by setting SMCMR[SM] to 0b10. See Section 28.2.1, “SMC Mode Registers
(SMCMR1/SMCMR2).” UART mode uses the same data structure as other modes. This structure supports
multibuffer operation and allows break and preamble sequences to be sent. Overrun, parity, and framing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com