Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 869 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 869 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 866Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 867Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 868Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 869Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 870Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 871Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 872Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 873Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 869 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-15
Data length represents the number of octets the CP writes into the buffer. After data is received in buffer,
the CP only writes them once as the BD closes. Note that
the memory allocated for this buffer should be
no smaller than MRBLR. The Rx data buffer pointer points to the first location of the buffer and must be
even. The buffer can be in internal or external memory. Figure 28-7 shows the UART RxBD process,
showing RxBDs after they receive 10 characters, an idle period, and five characters (one with a framing
error). The example assumes that MRBLR = 8.
8–9
—
Reserved, should be cleared.
10
BR
Buffer closed on reception of break. Set when the buffer closes because a break sequence was
received. The CP writes BR after the received data is in the buffer.
11
FR
Framing error. Set when a character with a framing error is received and located in the last byte of
this buffer. A framing error is a character with no stop bit. A new receive buffer is used to receive
additional data. The CP writes FR after the received data is in the buffer.
12
PR
Parity error. Set when a character with a parity error is received in the last byte of the buffer. A new
buffer is used for additional data. The CP writes PR after received data is in the buffer.
13
—
Reserved, should be cleared.
14
OV
Overrun. Set when a receiver overrun occurs during reception. The CP writes OV after the received
data is in the buffer.
15
—
Reserved, should be cleared.
Table 28-7. SMC UART RxBD Field Descriptions (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com