Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 867 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 867 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 863Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 864Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 866Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 867Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 868Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 869Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 870Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 871Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 867 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-13
number of break characters according to BRKCR and then reverts to idle or sends data if a RESTART
TRANSMIT
is issued before completion. When the break completes, the transmitter sends at least one idle
character before sending any data to guarantee recognition of a valid start bit.
28.3.7
Sending a Preamble
A preamble sequence provides a way to ensure that the line is idle before a new message transfer begins.
The length of the preamble sequence is constructed of consecutive ones that are one-character long. If the
preamble bit in a BD is set, the SMC sends a preamble sequence before sending that buffer. For 8 data bits,
no parity, 1 stop bit, and 1 start bit, a preamble of 10 ones would be sent before the first character in the
buffer. If no preamble sequence is sent, data from two ready transmit buffers can be sent on the transmit
signal with no delay between them.
28.3.8
Handling Errors in the SMC UART Controller
The SMC UART controller reports character reception error conditions via the channel BDs and the
SMCE. Table 28-6 describes the reception errors. The SMC UART controller has no transmission errors.
Table 28-6. SMC UART Errors
Error
Description
Overrun
The SMC maintains a two-character length FIFO for receiving data. Data is moved to the buffer after the
first character is received into the FIFO; if a receiver FIFO overrun occurs, the channel writes the
received character into the internal FIFO. It then writes the character to the buffer, closes it, sets the OV
bit in the BD, and generates the RXB interrupt if it is enabled. Reception then resumes as normal.
Overrun errors that occasionally occur when the line is idle can be ignored.
Parity
The channel writes the received character to the buffer, closes it, sets the PR bit in the BD, and
generates the RXB interrupt if it is enabled. Reception then resumes as normal.
Idle
Sequence
Receive
An idle is found when a character of all ones is received, at which point the channel counts consecutive
idle characters. If the count reaches MAX_IDL, the buffer is closed and an RXB interrupt is generated.
If no receive buffer is open, this does not generate an interrupt or any status information. The idle
counter is reset each time a character is received.
Framing
The SMC received a character with no stop bit. When it occurs, the channel writes the received
character to the buffer, closes the buffer, sets FR in the BD, and generates the RXB interrupt if it is
enabled. When this error occurs, parity is not checked for the character.
Break
Sequence
The SMC receiver received an all-zero character with a framing error. The channel increments BRKEC,
generates a maskable BRK interrupt in SMCE, measures the length of the break sequence, and stores
this value in BRKLN. If the channel was processing a buffer when the break was received, the buffer is
closed with the BR bit in the RxBD set. The RXB interrupt is generated if it is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com