Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 868 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 868 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 864Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 866Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 867Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 868Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 869Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 870Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 871Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 872Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 868 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
28-14
Freescale Semiconductor
28.3.9
SMC UART RxBD
Using the BDs, the CP reports information about the received data on a per-buffer basis. Then it closes the
current buffer, generates a maskable interrupt, and starts receiving data into the next buffer after one of the
following occurs:
•
An error is received during message processing
•
A full receive buffer is detected
•
A programmable number of consecutive idle characters are received
Figure 28-6 shows the format of the SMC UART RxBD.
Table 28-7 describes RxBD fields.
0123
456
789
10
11
12
13
14
15
Offset + 0
E
—
WI
—
CM
ID
—
BR
FR
PR
—
OV
—
Offset + 2
Data Length
Offset + 4
Rx Data Buffer Pointer
Offset + 6
Figure 28-6. SMC UART RxBD
Table 28-7. SMC UART RxBD Field Descriptions
Bit
Name
Description
0
E
Empty.
0 The buffer is full or data reception stopped due to an error. The core can read or write any fields
of this RxBD. The CP does not use this BD while E is zero.
1 The buffer is empty or reception is in progress. This RxBD and its buffer are owned by the CP.
Once E is set, the core should not write any fields of this RxBD.
1
—
Reserved, should be cleared.
2
W
Wrap (last BD in RxBD table).
0 Not the last BD in the table.
1 Last BD in the table. After this buffer is used, the CP receives incoming data into the first BD that
RBASE points to in the table. The number of RxBDs in this table is determined only by the W bit
and overall space constraints of the dual-port RAM.
3
I
Interrupt.
0 No interrupt is generated after this buffer is filled.
1 The SMCE[RXB] is set when this buffer is completely filled by the CP, indicating the need for the
core to process the buffer. RXB can cause an interrupt if it is enabled.
4–5
—
Reserved, should be cleared.
6
CM
Continuous mode.
0 Normal operation.
1 The CP does not clear the E bit after this BD is closed, allowing the CP to automatically overwrite
the buffer when it next accesses the BD. However, E is cleared if an error occurs during reception,
regardless of how CM is set.
7
ID
Buffer closed on reception of idles. Set when the buffer has closed because a programmable
number of consecutive idle sequences is received. The CP writes ID after received data is in the
buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com