Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 871 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 871 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 867Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 868Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 869Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 870Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 871Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 872Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 873Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 874Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 875Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 871 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-17
28.3.10 SMC UART TxBD
Data is sent to the CP for transmission on an SMC channel by arranging it in buffers referenced by the
channel TxBD table. Using the BDs, the CP confirms transmission or indicates error conditions so that the
processor knows the buffers have been serviced. An SMC UART TxBD is displayed in Figure 28-8.
Table 28-8 describes SMC UART TxBD fields.
Data length represents the number of octets that the CP should transmit from this BD data buffer. However,
it is never modified by the CP and normally is greater than zero. It can be zero if P is set and only a
preamble is sent. If there are more than 8 bits in the UART character, data length should be even. For
example, to transmit three UART characters of 8-bit data, 1 start, and 1 stop, initialize the data length field
0123
456
78
15
Offset + 0
R
—
WI
—
CM
P
—
Offset + 2
Data Length
Offset + 4
Tx Data Buffer Pointer
Offset + 6
Figure 28-8. SMC UART TxBD
Table 28-8. SMC UART TxBD Field Descriptions
Bits
Name
Description
0
R
Ready
0 The buffer is not ready for transmission; BD and its buffer can be altered. The CP clears R after
the buffer has been sent or an error occurs.
1 The buffer has not been completely sent. This BD cannot updated while R is set.
1
—
Reserved, should be cleared.
2
W
Wrap (final BD in the TxBD table)
0 Not the last BD in the table.
1 Last BD in the table. After this buffer is used, the CP receives incoming data into the first BD that
TBASE points to. The number of TxBDs in this table is determined only by the W bit and overall
space constraints of the dual-port RAM.
3
I
Interrupt
0 No interrupt is generated after this buffer is serviced.
1 The SMCE[TXB] is set when this buffer is serviced. TXB can cause an interrupt if it is enabled.
4–5
—
Reserved, should be cleared.
6
CM
Continuous mode
0 Normal operation.
1 The CP does not clear R after this BD is closed and automatically retransmits the buffer when it
accesses this BD next.
7
P
Preamble
0 No preamble sequence is sent.
1 The UART sends one all-ones character before it sends the data so that the other end detects an
idle line before the data is received. If this bit is set and the data length of this BD is zero, only a
preamble is sent.
8–15
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com