Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 874 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 874 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 870Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 871Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 872Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 873Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 874Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 875Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 876Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 878Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 874 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
28-20
Freescale Semiconductor
12. Initialize the RxBD. Assume the Rx data buffer is at 0x0000_1000 in main memory. Write 0xB000
to RxBD[Status and Control], 0x0000 to RxBD[Data Length] (not required), and 0x0000_1000 to
RxBD[Buffer Pointer].
13. Assuming the Tx data buffer is at 0x0000_2000 in main memory and contains five 8-bit characters,
write 0xB000 to TxBD[Status and Control], 0x0005 to TxBD[Data Length], and 0x0000_2000 to
TxBD[Buffer Pointer].
14. Write 0xFF to the SMCE1 register to clear any previous events.
15. Write 0x57 to the SMCM1 register to enable all possible SMC1 interrupts.
16. Write 0x0000_1000 to the SIU interrupt mask register low (SIMR_L) so the SMC1 can generate a
system interrupt. Write 0xFFFF_FFFF to the SIU interrupt pending register low (SIPNR_L) to
clear events.
17. Write 0x4820 to SMCMR to configure normal operation (not loopback), 8-bit characters, no parity,
1 stop bit. The transmitter and receiver are not yet enabled.
18. Write 0x4823 to SMCMR to enable the SMC transmitter and receiver. This additional write
ensures that the TEN and REN bits are enabled last.
After 5 bytes are sent, the TxBD is closed. The receive buffer closes after receiving 16 bytes. Subsequent
data causes a busy (out-of-buffers) condition since only one RxBD is ready.
28.4
SMC in Transparent Mode
Compared to the SCC in transparent mode, the SMCs generally offer less functionality, which helps them
provide simpler functions and slower speeds. Transparent mode is selected by programming
SMCMR[SM] to 0b10. Section 28.2.1, “SMC Mode Registers (SMCMR1/SMCMR2)” describes other
protocol-specific bits in the SMCMR. The SMC in transparent mode does not support the following
features:
•
Independent transmit and receive clocks, unless connected to a TDM channel of an SIx
•
CRC generation and checking
•
Full RTS, CTS, and CD signals (supports only one SMSYN signal)
•
Ability to transmit data on demand using the TODR
•
Receiver/transmitter in transparent mode while executing another protocol
•
4-, 8-, or 16-bit SYNC recognition
•
Internal DPLL support
However, the SMC in transparent mode provides a data character length option of 4 to 16 bits, whereas the
SCCs provide 8 or 32 bits, depending on GSMR[RFW]. The SMC in transparent mode is also referred to
as the SMC transparent controller.
28.4.1
Features
The following list summarizes the features of the SMC in transparent mode:
•
Flexible data buffers
•
Connects to a TDM bus using the TSA in an SIx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com