Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 876 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 876 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 872Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 873Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 874Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 875Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 876Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 880Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 876 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
28-22
Freescale Semiconductor
SMC continues transferring data to this BD’s buffer. If the CM bit is set in the RxBD, the E bit is not
cleared, so the CP can automatically overwrite the buffer on its next access.
28.4.4
Using SMSYN for Synchronization
The SMSYN signal offers a way to externally synchronize the SMC channel. This method differs
somewhat from the synchronization options available in the SCCs and should be studied carefully. See
Figure 28-11 for an example.
Once SMCMR[REN] is set, the first rising edge of SMCLK that finds SMSYN low causes the SMC
receiver to achieve synchronization. Data starts being received or latched on the same rising edge of
SMCLK that latched SMSYN. This is the first bit of data received. The receiver does not lose
synchronization again, regardless of the state of SMSYN, until REN is cleared.
Once SMCMR[TEN] is set, the first rising edge of SMCLK that finds SMSYN low synchronizes the SMC
transmitter which begins sending ones asynchronously from the falling edge of SMSYN. After one
character of ones is sent, if the transmit FIFO is loaded (the TxBD is ready with data), data starts being
send on the next falling edge of SMCLK after one character of ones is sent. If the transmit FIFO is loaded
later, data starts being sent after some multiple number of all-ones characters is sent.
Note that regardless of whether the transmitter or receiver uses SMSYN, it must make glitch-free
transitions from high-to-low or low-to-high. Glitches on SMSYN can cause errant behavior of the SMC.
The transmitter never loses synchronization again, regardless of the state of SMSYN, until the TEN bit is
cleared or an ENTER HUNT MODE command is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com