Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 880 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 880 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 876Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 884Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 880 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
28-26
Freescale Semiconductor
28.4.8
SMC Transparent RxBD
Using BDs, the CP reports information about the received data for each buffer and closes the current
buffer, generates a maskable interrupt, and starts to receive data into the next buffer after one of the
following events:
•
An overrun error occurs.
•
A full receive buffer is detected.
•
The ENTER HUNT MODE command is issued.
Table 28-13 describes SMC transparent RxBD fields.
0
123
456
789
10
11
12
13
14
15
Offset + 0
E
—
WI
—
CM
—OV
—
Offset + 2
Data Length
Offset + 4
Rx Data Buffer Pointer
Offset + 6
Figure 28-13. SMC Transparent RxBD
Table 28-13. SMC Transparent RxBD Field Descriptions
Bits
Name
Description
0
E
Empty.
0 The buffer is full or reception was aborted due to an error. The core can read or write any fields
of this RxBD. The CP does not use this BD while E = 0.
1 The buffer is empty or is receiving data. The CP owns this RxBD and its buffer. Once E is set, the
core should not write any fields of this RxBD.
1
—
Reserved, should be cleared.
2
W
Wrap (last BD in RxBD table).
0 Not the last BD in the table.
1 Last BD in the table. After this buffer is used, the CP receives incoming data into the first BD that
RBASE points to. The number of RxBDs is determined only by the W bit and overall space
constraints of the dual-port RAM.
3
I
Interrupt.
0 No interrupt is generated after this buffer is filled.
1 SMCE[RXB] is set when the CP completely fills this buffer indicating that the core must process
the buffer. The RXB bit can cause an interrupt if it is enabled.
4–5
—
Reserved, should be cleared.
6
CM
Continuous mode.
0 Normal operation.
1 The CP does not clear E after this BD is closed, allowing the buffer to be overwritten when the
CP next accesses this BD. However, E is cleared if an error occurs during reception, regardless
of how CM is set.
7–13
—
Reserved, should be cleared.
14
OV
Overrun. Set when a receiver overrun occurs during reception. The CP writes OV after the received
data is placed into the buffer.
15
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com