Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 882 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 882 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 884Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 885Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 886Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 882 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
28-28
Freescale Semiconductor
Data length represents the number of octets the CP should transmit from this buffer. It is never modified
by the CP. The data length can be even or odd, but if the number of bits in the transparent character is
greater than 8, the data length should be even. For example, to transmit three transparent 8-bit characters,
the data length field should be initialized to 3. However, to transmit three transparent 9-bit characters, the
data length field should be initialized to 6 because the three 9-bit characters occupy three half words in
memory.
The data buffer pointer points to the first byte of the buffer. They can be even or odd, unless character
length is greater than 8 bits, in which case the transmit buffer pointer must be even. For instance, the
pointer to 8-bit transparent characters can be even or odd, but the pointer to 9-bit transparent characters
must be even. The buffer can reside in internal or external memory.
28.4.10 SMC Transparent Event Register (SMCE)/Mask Register (SMCM)
The SMC event register (SMCE) generates interrupts and reports events recognized by the SMC channel.
When an event is recognized, the SMC sets the corresponding SMCE bit. Interrupts are masked in the
SMCM, which has the same format as the SMCE. SMCE bits are cleared by writing a 1 (writing 0 has no
effect). Unmasked bits must be cleared before the CP clears the internal interrupt request. The SMCE and
SMCM registers are displayed in Figure 28-14.
Table 28-16 describes SMCE/SMCM fields.
14
UM
Underrun. Set when the SMC encounters a transmitter underrun condition while sending the buffer.
15
—
Reserved, should be cleared.
01234567
Field
—
TXE
—
BSY
TXB
RXB
Reset
0
R/W
R/W
Addr
0x11A86 (SMCE1), 0x11A96 (SMCE2)/ 0x11A8A (SMCM1), 0x11A9A (SMCM2)
Figure 28-14. SMC Transparent Event Register (SMCE)/Mask Register (SMCM)
Table 28-16. SMCE/SMCM Field Descriptions
Bits
Name
Description
0–2
—
Reserved, should be cleared.
3
TXE
Tx error. Set when an underrun error occurs on the transmitter channel. This event is not maskable
via the TxBD[I] bit.
4
—
Reserved, should be cleared.
5
BSY
Busy condition. Set when a character is received and discarded due to a lack of buffers. Reception
begins after a new buffer is provided. Executing an ENTER HUNT MODE command makes the receiver
wait for resynchronization.
Table 28-15. SMC Transparent TxBD Field Descriptions (continued)
Bits Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com