Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 884 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 884 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 884Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 885Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 886Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 887Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 888Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 884 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
28-30
Freescale Semiconductor
15. Write 0x3833 to the SMCMR to enable the SMC transmitter and receiver. This additional write
ensures that TEN and REN are enabled last.
After 5 bytes are sent, the TxBD is closed; after 16 bytes are received the receive buffer is closed. Any data
received after 16 bytes causes a busy (out-of-buffers) condition since only one RxBD is prepared.
28.5
The SMC in GCI Mode
The SMC can control the C/I and monitor channels of the GCI frame. When using the SCIT configuration
of a GCI, one SMC can handle SCIT channel 0 and the other can handle SCIT channel 1. The main features
of the SMC in GCI mode are as follows:
•
Each SMC channel supports the C/I and monitor channels of the GCI (IOM-2) in ISDN
applications
•
Two SMCs support both sets of C/I and monitor channels in SCIT channels 0 and 1
•
Full-duplex operation
•
Local loopback and echo capability for testing
To use the SMC GCI channels properly, the TSA must be configured to route the monitor and C/I channels
to the preferred SMC. Chapter 15, “Serial Interface with Time-Slot Assigner,” describes how to program
this configuration. GCI mode is selected by setting SMCMR[SM] to 0b10. Section 28.2.1, “SMC Mode
Registers (SMCMR1/SMCMR2)” describes other protocol-specific SMCMR bits.
28.5.1
SMC GCI Parameter RAM
The GCI parameter RAM differs from that for UART and transparent mode. The CP accesses each SMC’s
GCI parameter table using a user-programmed pointer (SMCx_BASE) located in the parameter RAM; see
Section 14.5.2, “Parameter RAM.” Each SMC GCI parameter RAM table can be placed at any 64-byte
aligned address in the dual-port RAM’s general-purpose area (banks 1–8, 11 and 12). In GCI mode,
parameter RAM contains the BDs instead of pointers to them. Compare Table 28-17 with Table 28-2 on
page 28-6 to see the differences. (In GCI mode, the SMC has no extra protocol-specific parameter RAM.)
Table 28-17. SMC GCI Parameter RAM Memory Map
Offset 1
Name
Width
Description
0x00
M_RxBD
Half
word
Monitor channel RxBD. See Section 28.5.5, “SMC GCI Monitor Channel RxBD.”
0x02
M_TxBD
Half
word
Monitor channel TxBD. See Section 28.5.6, “SMC GCI Monitor Channel TxBD.”
0x04
CI_RxBD
Half
word
C/I channel RxBD. See Section 28.5.7, “SMC GCI C/I Channel RxBD.”
0x06
CI_TxBD
Half
word
C/I channel TxBD. See Section 28.5.8, “SMC GCI C/I Channel TxBD.”
0x08
RSTATE2
Word
Rx/Tx Internal State
0x0C
M_RxD 2
Half
word
Monitor Rx Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com