Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 881 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 881 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 884Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 885Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 881 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-27
Data length and buffer pointer fields are described in Section 20.2, “SCC Buffer Descriptors (BDs).”
28.4.9
SMC Transparent TxBD
Data is sent to the CP for transmission on an SMC channel by arranging it in buffers referenced by the
channel TxBD table. The CP uses BDs to confirm transmission or indicate error conditions so the
processor knows buffers have been serviced.
Table 28-15 describes SMC transparent TxBD fields.
0
123
456
789
10
11
12
13
14
15
Offset + 0
R
—
WI
L
—
CM
—UN
—
Offset + 2
Data Length
Offset + 4
Tx Data Buffer Pointer
Offset + 6
Table 28-14. SMC Transparent TxBD
Table 28-15. SMC Transparent TxBD Field Descriptions
Bits Name
Description
0
R
Ready.
0 The buffer is not ready for transmission. The BD and buffer can be updated. The CP clears R after the buffer
is sent or after an error occurs.
1 The user-prepared data buffer is not sent or is being sent. BD fields cannot be updated if R is set.
1
—
Reserved, should be cleared.
2
W
Wrap (final BD in table).
0 Not the last BD in the table.
1 Last BD in the table. After this buffer is used, the CP receives incoming data into the first BD that TBASE
points to. The number of TxBDs in this table is programmable and determined by theW bit and overall space
constraints of the dual-port RAM.
3
I
Interrupt.
0 No interrupt is generated after this buffer is serviced; SMCE[TXE] is unaffected.
1 SMCE[TXB] or SMCE[TXE] are set when the buffer is serviced. They can cause interrupts if they are enabled.
4
L
Last in message.
0 The last byte in the buffer is not the last byte in the transmitted transparent frame. Data from the next transmit
buffer (if ready) is sent immediately after the last byte of this buffer.
1 The last byte in this buffer is the last byte in the transmitted transparent frame. After this buffer is sent, the
transmitter requires synchronization before the next buffer is sent.
5
—
Reserved, should be cleared.
6
CM
Continuous mode.
0 Normal operation.
1 The CP does not clear R after this BD is closed, allowing the buffer to be automatically resent when the CP
accesses this BD again. However, the R bit is cleared if an error occurs during transmission, regardless of
how CM is set.
7–13
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com